Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRNA25-400 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CRNA25-400
Description  25Amp - 400/600/800/1200V - RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CRNA25-400 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CRNA25-400 Datasheet HTML 1Page - List of Unclassifed Manufacturers CRNA25-400 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO9001 Certified
POWER COMPONENTS
> Suitable for General Purpose Applications
> Isolated and Non-Isolated Tab
> VR/VRRM 400, 600, 800, 1200V
A
K
TO-220AB Isolated
(CRNA25)
TO-220AB Non-Isolated
(CRNB25)
A
K
K
A
K
Applications
• Input Rectification
• Low Frequency Freewheel
• Battery Isolation
GENERAL NOTES
1. All parameters at 25 degrees C unless otherwise specified.
CRNA/CRNB25
25Amp - 400/600/800/1200V - RECTIFIER
Absolute Maximum Ratings
CONDITIONS
SYMBOL
RATING
RMS On-State Current (full sine wave)
Tc = 95˚C
TO-220AB
IF(RMS)
25A
Tc = 80˚C
TO-220AB Iso
Average On-State Current
Tc = 95˚C
TO-220AB
IF(AV)
15.9A
Tc = 80˚C
TO-220AB Iso
Non Repetitive Surge Peak On-State Current
F =50 Hz
300A
(Full Cycle, Tj Initial = 25
˚C)
F =60 Hz
IFSM
350A
I2t Value for fusing
tp = 10 ms
I2t
508A2s
Storage Temperature Range
Tstg
-40 to +150
˚C
Operating Junction Temperature Range
Tj
-40 to +125
˚C
Isolation Voltage (CRNA Series only)
VISO
2500 VRMS
Electrical Characteristics
VFM @ 25A
Tj = 25˚C
1.1V
IRM @ VR =VRRM
Tj = 25˚C
0.1mA
IRM @ VR =VRRM
Tj = 125˚C
1.0mA
Thermal Resistances
SYMBOL
RATING
Junction to Case (AC)
TO-220AB
Rth(j-c)
1.6
˚C/W
Junction to Case (AC)
TO-220AB Isolated
Rth(j-c)
2.5
˚C/W
Junction to Ambient
TO-220AB
Rth(j-a)
60
˚C/W
Junction to Ambient
TO-220AB Isolated
Rth(j-a)
60
˚C/W


Similar Part No. - CRNA25-400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CRNA20 ETC1-CRNA20 Datasheet
107Kb / 2P
   20Amp - 400/600/800/1200V - RECTIFIER
CRNA20-1200 ETC1-CRNA20-1200 Datasheet
107Kb / 2P
   20Amp - 400/600/800/1200V - RECTIFIER
CRNA20-1200PT ETC1-CRNA20-1200PT Datasheet
107Kb / 2P
   20Amp - 400/600/800/1200V - RECTIFIER
CRNA20-400 ETC1-CRNA20-400 Datasheet
107Kb / 2P
   20Amp - 400/600/800/1200V - RECTIFIER
CRNA20-400PT ETC1-CRNA20-400PT Datasheet
107Kb / 2P
   20Amp - 400/600/800/1200V - RECTIFIER
More results

Similar Description - CRNA25-400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYNA25 ETC1-CYNA25 Datasheet
199Kb / 2P
   25Amp - 400/600/800/1000V - SCR
CRNA20 ETC1-CRNA20 Datasheet
107Kb / 2P
   20Amp - 400/600/800/1200V - RECTIFIER
CRNA15 ETC1-CRNA15 Datasheet
107Kb / 2P
   15Amp - 400/600/800/1200V - RECTIFIER
logo
Micro Commercial Compon...
PF251 MCC-PF251_11 Datasheet
417Kb / 3P
   25Amp Rectifier 50 to 600 Volts
logo
List of Unclassifed Man...
CTA08 ETC1-CTA08 Datasheet
206Kb / 2P
   8Amp - 400/600/800/1000V - TRIAC
CTA06 ETC1-CTA06 Datasheet
208Kb / 2P
   6Amp - 400/600/800/1000V - TRIAC
CTA24 ETC1-CTA24 Datasheet
235Kb / 2P
   24Amp - 400/600/800/1000V - TRIAC
CYNB55 ETC1-CYNB55 Datasheet
223Kb / 2P
   55Amp - 400/600/800/1000V - SCR
CYNB40 ETC1-CYNB40 Datasheet
70Kb / 2P
   40Amp - 400/600/800/1000V - SCR
CTA16 ETC1-CTA16 Datasheet
209Kb / 2P
   16Amp - 400/600/800/1000V - TRIAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com