Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHTB12-600 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CHTB12-600
Description  High Temperature 150째C Series TRIAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CHTB12-600 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CHTB12-600 Datasheet HTML 1Page - List of Unclassifed Manufacturers CHTB12-600 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Absolute Maximum Ratings
CONDITIONS
SYMBOL
RATING
RMS On-State Current (full sine wave)
Tc = 130˚C
TO-220AB
IT(RMS)
12A
Tc = 120˚C
TO-220AB Iso
Non Repetitive Surge Peak On-State Current
F =50 Hz
140A
(Full Cycle, Tj Initial = 25
˚C)
F =60 Hz
ITSM
145A
I2t Value for fusing
tp = 10 ms
I2t
112A2s
Critical rate of rise of on-state current
IG=2 x IGT, tr<100 ns, Tj = 150
˚C
di/dt
100A/µs
Peak Gate Current @ Tj = 150˚C
tp = 20 µs
IGM
4A
Average Gate Power Dissipation @ Tj = 150
˚C
PG(AV)
1W
Storage Temperature Range
Tstg
-40 to +150
˚C
Operating Junction Temperature Range
Tj
-40 to +150
˚C
Isolation Voltage (CHTA Series only)
VISO
2500 VRMS
Electrical Characteristics
IGT MAX @ VD =12 V, RL = 30Ω
NOTE 1
QI-II-III
35mA
VGT MAX @ VD =12 V, RL = 30ΩΩ
QI-II-III
1.3V
VGD MIN @ VD =VDRM, RL = 3.3kΩΩ
Tj = 150
˚C
QI-II-III
0.15V
IH MAX @ IT = 100 mA
NOTE 2
35mA
IL MAX @ IG = 1.2 IGT
QI-III
50mA
IL MAX @ IG = 1.2 IGT
Q-II
80mA
dv/dt MIN @ VD = 67%VDRM (gate open)
NOTE 2
Tj = 150˚C
300V/µs
(di/dt)c MIN without snubber
NOTES 2 & 4
Tj = 150˚C
12A/ms
Static Characteristics
VT MAX @ ITM =17 A, tp = 380µs
NOTE 2
Tj = 25˚C
1.5V
Vto MAX @ Threshold Voltage
NOTE 2
Tj = 150˚C
0.8V
Rd MAX @ Dynamic Resistance
NOTE 2
Tj = 150˚C
25mΩ
IDRM MAX @ VDRM = VRRM
Tj = 25˚C
5µA
IRRM MAX @ VDRM = VRRM
Tj = 150˚C
5.5mA
G
A2
A1
TO-220AB Isolated
(CHTA12)
TO-220AB Non-Isolated
(CHTB12)
G
A2
A2
A1
G
A2
A1
GENERAL NOTES
1. Minimum IGT is guaranted at 5% of IGT max.
2. For both polarities of A2 referenced to A1
3. All parameters at 25 degrees C unless otherwise specified.
4. Commutating dv/dt = 50V/µs, (exponential to 200Vpk)
# Superior Commutating
Performance at High Temperature
(di/dt)c = 25A/ms @ (dv/dt)c = 50V/µs
# Ideal for Most Demanding Applications
# Alternistor/No Snubber Type
# IGT 35 mA Max.
# VDRM/VRMM 400, 600, 800V
Applications
• Heat Regulation
• Ovens
• Coffee Makers
• Cookers
• Light Dimming
• Control of Inductive Loads
• Motors
• Transformers
CHTA/CHTB 12
High Temperature 150˚C Series
12Amp - 400/600/800V - TRIAC
ISO
9001 CERTIFIED
Competitive part number cross-reference available at:
www.cynergy3.com


Similar Part No. - CHTB12-600

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CHTB10/1N CAMDENBOSS-CHTB10/1N Datasheet
155Kb / 1P
   High temperat u re re s i stant connection blocks
CHTB10/2N CAMDENBOSS-CHTB10/2N Datasheet
155Kb / 1P
   High temperat u re re s i stant connection blocks
CHTB10/3N CAMDENBOSS-CHTB10/3N Datasheet
155Kb / 1P
   High temperat u re re s i stant connection blocks
CHTB10/4N CAMDENBOSS-CHTB10/4N Datasheet
155Kb / 1P
   High temperat u re re s i stant connection blocks
logo
List of Unclassifed Man...
CHTB16-400 ETC1-CHTB16-400 Datasheet
922Kb / 2P
   High Temperature 150째C Series TRIAC
More results

Similar Description - CHTB12-600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHTA16 ETC1-CHTA16 Datasheet
922Kb / 2P
   High Temperature 150째C Series TRIAC
CTB40 ETC1-CTB40 Datasheet
257Kb / 2P
   High Temperature 150째C Series 40Amp - 400/600/800V - TRIAC
logo
Renesas Technology Corp
BCR20AM-12LB RENESAS-BCR20AM-12LB Datasheet
118Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR16CM-12LB RENESAS-BCR16CM-12LB Datasheet
126Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR12CM-12LB RENESAS-BCR12CM-12LB Datasheet
125Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10CM-12LB RENESAS-BCR10CM-12LB Datasheet
126Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR16CS-12LB RENESAS-BCR16CS-12LB Datasheet
126Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR6AM-12LB RENESAS-BCR6AM-12LB Datasheet
125Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR5AM-12LB RENESAS-BCR5AM-12LB Datasheet
133Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR3AS-12B RENESAS-BCR3AS-12B_15 Datasheet
147Kb / 10P
   Triac Low Power Use(The product guaranteed maximum junction temperature of 150째C)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com