Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHTA16 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CHTA16
Description  High Temperature 150째C Series TRIAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CHTA16 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CHTA16 Datasheet HTML 1Page - List of Unclassifed Manufacturers CHTA16 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO9001 Certified
P O W E R C O M P O N E N T S
Absolute Maximum Ratings
CONDITIONS
SYMBOL
RATING
RMS On-State Current (full sine wave)
Tc = 125˚C
TO-220AB
IT(RMS)
16A
Tc = 115˚C
TO-220AB Iso
Non Repetitive Surge Peak On-State Current
F =50 Hz
180A
(Full Cycle, Tj Initial = 25
˚
z
H
0
6
=
F
)
C
ITSM
190A
I2
I
s
m
0
1
=
p
t
g
n
i
s
u
f
r
o
f
e
u
l
a
V
t
2t
150A2s
Critical rate of rise of on-state current
IG=2 x IGT, tr<100 ns, Tj = 150
˚C
di/dt
100A/µs
Peak Gate Current @ Tj
I
s
µ
0
2
=
p
t
C
˚
0
5
1
=
GM
4A
Average Gate Power Dissipation @ Tj = 150
˚
W
1
)
V
A
(
G
P
C
T
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
stg
-40 to +150
˚C
T
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O
j
-40 to +150
˚C
V
)
y
l
n
o
s
e
ir
e
S
A
T
H
C
(
e
g
a
tl
o
V
n
o
it
a
l
o
s
I
ISO
2500 VRMS
Electrical Characteristics
IGT MAX @ VD =12 V, RL = 30Ω NOTE 1
QI-II-III
35mA
VGT MAX @ VD =12 V, RL = 30Ω
QI-II-III
1.3V
VGD MIN @ VD =VDRM, RL = 3.3kΩ
Tj = 150
˚C
QI-II-III
0.15V
IH MAX @ IT = 100 mA NOTE 2
35mA
IL MAX @ IG = 1.2 IGT
QI-III
50mA
IL MAX @ IG = 1.2 IGT
Q-II
80mA
dv/dt MIN @ VD = 67%VDRM (gate open) NOTE 2
s
µ
/
V
0
0
5
C
˚
0
5
1
=
j
T
(di/dt)c MIN without snubber NOTES 2 & 4
s
m
/
A
4
1
C
˚
0
5
1
=
j
T
Static Characteristics
VT MAX @ ITM =22.5 A, tp = 380µs NOTE 2
V
5
.
1
C
˚
5
2
=
j
T
Vto MAX @ Threshold Voltage
NOTE 2
V
8
.
0
C
˚
0
5
1
=
j
T
Rd MAX @ Dynamic Resistance
NOTE 2
m
5
2
C
˚
0
5
1
=
j
T
IDRM MAX @ VDRM = VRRM
A
µ
5
C
˚
5
2
=
j
T
IRRM MAX @ VDRM = VRRM
A
m
5
.
5
C
˚
0
5
1
=
j
T
> Superior Commutating
Performance at High Temperature
(di/dt)c = 14A/ms @ (dv/dt)c = 50V/µs
> Ideal for Most Demanding Applications
> Alternistor/No Snubber Type
> IGT 35 mA Max.
> VDRM/VRMM 400, 600, 800V
G
A2
A1
TO-220AB Isolated
(CHTA16)
TO-220AB Non-Isolated
(CHTB16)
G
A2
A2
A1
G
A2
A1
Applications
• Heat Regulation
• Ovens
• Coffee Makers
• Cookers
• Light Dimming
• Control of Inductive Loads
• Motors
• Transformers
GENERAL NOTES
1. Minimum IGT is guaranted at 5% of IGT max.
2. For both polarities of A2 referenced to A1
3. All parameters at 25 degrees C unless otherwise specified.
4. Commutating dv/dt = 50V/µs, (exponential to 200Vpk)
CHTA/CHTB16
High Temperature 150˚C Series
16Amp - 400/600/800V - TRIAC
A8
CHTA16
600


Similar Part No. - CHTA16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHTA12 ETC1-CHTA12 Datasheet
207Kb / 2P
   High Temperature 150째C Series TRIAC
CHTA12-400 ETC1-CHTA12-400 Datasheet
207Kb / 2P
   High Temperature 150째C Series TRIAC
CHTA12-400PT ETC1-CHTA12-400PT Datasheet
207Kb / 2P
   High Temperature 150째C Series TRIAC
CHTA12-600 ETC1-CHTA12-600 Datasheet
207Kb / 2P
   High Temperature 150째C Series TRIAC
CHTA12-600PT ETC1-CHTA12-600PT Datasheet
207Kb / 2P
   High Temperature 150째C Series TRIAC
More results

Similar Description - CHTA16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHTA12 ETC1-CHTA12 Datasheet
207Kb / 2P
   High Temperature 150째C Series TRIAC
CTB40 ETC1-CTB40 Datasheet
257Kb / 2P
   High Temperature 150째C Series 40Amp - 400/600/800V - TRIAC
logo
Renesas Technology Corp
BCR20AM-12LB RENESAS-BCR20AM-12LB Datasheet
118Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR16CM-12LB RENESAS-BCR16CM-12LB Datasheet
126Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR12CM-12LB RENESAS-BCR12CM-12LB Datasheet
125Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10CM-12LB RENESAS-BCR10CM-12LB Datasheet
126Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR16CS-12LB RENESAS-BCR16CS-12LB Datasheet
126Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR6AM-12LB RENESAS-BCR6AM-12LB Datasheet
125Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR5AM-12LB RENESAS-BCR5AM-12LB Datasheet
133Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR3AS-12B RENESAS-BCR3AS-12B_15 Datasheet
147Kb / 10P
   Triac Low Power Use(The product guaranteed maximum junction temperature of 150째C)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com