Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUX81 Datasheet(PDF) 1 Page - Seme LAB

Part No. BUX81
Description  HIGH CURRENT HIGH SPEED HIGH POWER SILICON NPN PLANAR TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUX81 Datasheet(HTML) 1 Page - Seme LAB

  BUX81 Datasheet HTML 1Page - Seme LAB BUX81 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BUX81
Document Number 5865
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VCESM
Collector – Emitter Voltage
VBE = 0
VCER
Collector – Emitter Voltage
RBE = 100Ω
VCEO
Collector – Emitter Voltage(open base)
IC
Collector Current (d.c)
ICM
Peak Collector Current
tp = 2ms
IB
Base Current (d.c)
Ptot
Total Power Dissipation Tmb = 50°C
TSTG
Storage Temperature Range
TJ
Maximum Junction Temperature
1000V
500V
450V
10A
15A
4A
150W
-65 to +200°C
+200°C
MECHANICAL DATA
Dimensions in mm (inches)
12
3
(case)
25.15 (0.99)
26.67 (1.05)
10.67 (0.42)
11.18 (0.44)
3.84 (0.151)
4.09 (0.161)
7.92 (0.312)
12.70 (0.50)
6.35 (0.25)
9.15 (0.36)
1.52 (0.06)
3.43 (0.135)
HIGH CURRENT
HIGH SPEED
HIGH POWER
SILICON NPN PLANAR
TRANSISTOR
ABSOLUTE MAXIMUM RATINGS (Tj = 25°C unless otherwise stated)
TO–204AA (TO–3)
PIN 1 — Base
PIN 2 — Emitter
Case is Collector.
Applications
The BUX81 is an epitaxial silicon NPN planar transistor that
has high current and high power handling capability and
high switching speed.
This device is especially suitable for switching–control
amplifiers, power gates, switching regulators, power-switch-
ing circuits converters, inverters and control circuits.Other
recommended applications include DC–RF amplifiers and
power oscillators.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn