Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRD44130-FB Datasheet(PDF) 23 Page - Cirrus Logic

Part # CRD44130-FB
Description  20 W x 2 40 W x 1 PWM Amplifier Reference Design
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CRD44130-FB Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CRD44130-FB Datasheet HTML 19Page - Cirrus Logic CRD44130-FB Datasheet HTML 20Page - Cirrus Logic CRD44130-FB Datasheet HTML 21Page - Cirrus Logic CRD44130-FB Datasheet HTML 22Page - Cirrus Logic CRD44130-FB Datasheet HTML 23Page - Cirrus Logic CRD44130-FB Datasheet HTML 24Page - Cirrus Logic CRD44130-FB Datasheet HTML 25Page - Cirrus Logic CRD44130-FB Datasheet HTML 26Page - Cirrus Logic CRD44130-FB Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
Figure 13. Bottom Layer


Similar Part No. - CRD44130-FB

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD44130-FB CIRRUS-CRD44130-FB Datasheet
349Kb / 23P
   60 W Quad Half-Bridge Digital Amplifier Power Stage
More results

Similar Description - CRD44130-FB

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD4525 CIRRUS-CRD4525 Datasheet
1Mb / 23P
   2 x 15 W Digital Amplifier Reference Design
CRD35L01 CIRRUS-CRD35L01 Datasheet
434Kb / 14P
   1 x 1.7 W CS35L01 Amplifier Reference Design Kit
CRD44600 CIRRUS-CRD44600 Datasheet
1Mb / 32P
   Stereo 100 W PWM Amplifier Reference Design
CRD4412 CIRRUS-CRD4412 Datasheet
558Kb / 15P
   2 x 15 W Digital Power Stage Reference Design
logo
STMicroelectronics
STA541SA STMICROELECTRONICS-STA541SA Datasheet
613Kb / 26P
   2 x 20 W dual bridge amplifier
logo
Siemens Semiconductor G...
TDA4930 SIEMENS-TDA4930 Datasheet
580Kb / 14P
   Stereo/Bridge AF Amplifier 2 x 10 W/20 W
logo
NXP Semiconductors
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
TDA8931 PHILIPS-TDA8931 Datasheet
165Kb / 31P
   Power comparator 1 X 20 W
Rev. 01-14 January 2004
TFA9843J PHILIPS-TFA9843J Datasheet
142Kb / 21P
   2-channel audio amplifier (SE: 1 W to 20 W or BTL: 4 W to 40 W)
Rev. 02-19 January 2004
logo
Filtronic Compound Semi...
FRD3500X230 FILTRONIC-FRD3500X230 Datasheet
350Kb / 5P
   3.5 GHZ WIMAX REFERENCE DESIGN (1 W)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com