Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRD44130-FB Datasheet(PDF) 11 Page - Cirrus Logic

Part # CRD44130-FB
Description  20 W x 2 40 W x 1 PWM Amplifier Reference Design
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CRD44130-FB Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CRD44130-FB Datasheet HTML 7Page - Cirrus Logic CRD44130-FB Datasheet HTML 8Page - Cirrus Logic CRD44130-FB Datasheet HTML 9Page - Cirrus Logic CRD44130-FB Datasheet HTML 10Page - Cirrus Logic CRD44130-FB Datasheet HTML 11Page - Cirrus Logic CRD44130-FB Datasheet HTML 12Page - Cirrus Logic CRD44130-FB Datasheet HTML 13Page - Cirrus Logic CRD44130-FB Datasheet HTML 14Page - Cirrus Logic CRD44130-FB Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
DS690RD2
11
CRD44130-FB
2.4
Board Connections
2.4.1
Audio Inputs
The CRD44130-FB provides stereo analog and digital inputs. The Analog inputs are J9 (left input) and
J10 (right input). When analog inputs are used, full scale output is achieved when the analog input level
is 2.0 Vrms. S/PDIF digital input can be either the optical receiver J8 or the RCA connector J11. When a
valid PCM S/PDIF digital audio signal is present on J8 or J11 (cannot be present on both simultaneously),
the CRD44130-FB outputs the program material present on that digital input. When a valid PCM S/PDIF
digital audio signal is not present on either J8 or J11 (or both are mistakenly driven simultaneously), the
CRD44130-FB outputs the program material present on its analog inputs. Due to the timing constraints of
the FPGA, digital audio inputs must be limited to a sample rates of 32-96 kHz.
2.4.2
Speaker Outputs
The CRD44130-FB provides speaker-level left, right, and low-frequency speaker outputs. Left and right
channel output connections are made through speaker terminal J1; and the low-frequency speaker output
connection is made through speaker terminal J2. Refer to Figure 4 for speaker connection details.
When LED D14 is lit, this indicates that 2.1 is enabled. This means that the left, right, and low-frequency
channels will be filtered according to the frequency response shown in Figure 14. In this mode, the low-
frequency channel will be the filtered sum of the left and right channels. When 2.1 is disabled (by pressing
push-button S1), the board provides no filtering and the low-frequency output produces full bandwidth left-
channel audio.
LFE-
LFE+
R-
R+
L-
L+
J1
J2
Figure 4. Speaker Output Connections


Similar Part No. - CRD44130-FB

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD44130-FB CIRRUS-CRD44130-FB Datasheet
349Kb / 23P
   60 W Quad Half-Bridge Digital Amplifier Power Stage
More results

Similar Description - CRD44130-FB

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD4525 CIRRUS-CRD4525 Datasheet
1Mb / 23P
   2 x 15 W Digital Amplifier Reference Design
CRD35L01 CIRRUS-CRD35L01 Datasheet
434Kb / 14P
   1 x 1.7 W CS35L01 Amplifier Reference Design Kit
CRD44600 CIRRUS-CRD44600 Datasheet
1Mb / 32P
   Stereo 100 W PWM Amplifier Reference Design
CRD4412 CIRRUS-CRD4412 Datasheet
558Kb / 15P
   2 x 15 W Digital Power Stage Reference Design
logo
STMicroelectronics
STA541SA STMICROELECTRONICS-STA541SA Datasheet
613Kb / 26P
   2 x 20 W dual bridge amplifier
logo
Siemens Semiconductor G...
TDA4930 SIEMENS-TDA4930 Datasheet
580Kb / 14P
   Stereo/Bridge AF Amplifier 2 x 10 W/20 W
logo
NXP Semiconductors
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
TDA8931 PHILIPS-TDA8931 Datasheet
165Kb / 31P
   Power comparator 1 X 20 W
Rev. 01-14 January 2004
TFA9843J PHILIPS-TFA9843J Datasheet
142Kb / 21P
   2-channel audio amplifier (SE: 1 W to 20 W or BTL: 4 W to 40 W)
Rev. 02-19 January 2004
logo
Filtronic Compound Semi...
FRD3500X230 FILTRONIC-FRD3500X230 Datasheet
350Kb / 5P
   3.5 GHZ WIMAX REFERENCE DESIGN (1 W)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com