Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CRD5376 Datasheet(PDF) 5 Page - Cirrus Logic

Part No. CRD5376
Description  Multichannel Seismic Reference Design
Download  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 
 5 page
background image
CRD5376
DS612RD1
5
1. INITIAL SETUP
1.1
Kit Contents
The CRD5376 reference design kit includes:
• CRD5376 reference design board
• USB cable (A to mini-B)
• Software download information card
The following are required to operate CRD5376, and are not included:
• Bipolar power supply with clip lead outputs (+/- 3.3 V @ 100 mA)
• PC running Windows 2000 or XP with an available USB port
• Internet access to download the evaluation software
1.2
Hardware Setup
To set up the CRD5376 reference design hardware:
• Verify all jumpers are in the default settings (see next section).
• With power off, connect the CRD5376 power inputs to the power supply outputs.
J8 pin 17 = -3.3 V
J8 pin 18 = 0 V
J8 pin 19 = +3.3 V
J8 pin 20 = 0 V
• Connect the USB cable between the CRD5376 USB connector and the PC USB port.
• Proceed to the Software Setup section to install the evaluation software and USB driver.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BCM97318AVCIP SET-TOP BOX REFERENCE DESIGN 1 2 Broadcom Corporation.
CRD4202-1AC 97 Six Channel CNR Audio Reference Design 1 2 3 4 5 MoreCirrus Logic
CRD4202-2AC 97 Six Channel CNR Audio Reference Design with PLL 1 2 3 4 5 MoreCirrus Logic
CRD4299-1AC 97 AMR Reference Design 1 2 3 4 5 MoreCirrus Logic
CRD44122 x 15 W Digital Power Stage Reference Design 1 2 3 4 5 MoreCirrus Logic
CRD45252 x 15 W Digital Amplifier Reference Design 1 2 3 4 5 MoreCirrus Logic
CDB5376Multichannel Seismic Evaluation System 1 2 3 4 5 MoreCirrus Logic
ZR4040-25PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE 1 2 3 4 Zetex Semiconductors
ADCMP341Dual Comparators with 400mV Reference and programmable Hysteresis 1 2 3 4 5 MoreAnalog Devices
ADCMP361Single Comparator with 400mV Reference and Dual Polarity Outputs 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl