Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDB5376 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CDB5376
Description  Multichannel Seismic Evaluation System
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5376 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CDB5376 Datasheet HTML 5Page - Cirrus Logic CDB5376 Datasheet HTML 6Page - Cirrus Logic CDB5376 Datasheet HTML 7Page - Cirrus Logic CDB5376 Datasheet HTML 8Page - Cirrus Logic CDB5376 Datasheet HTML 9Page - Cirrus Logic CDB5376 Datasheet HTML 10Page - Cirrus Logic CDB5376 Datasheet HTML 11Page - Cirrus Logic CDB5376 Datasheet HTML 12Page - Cirrus Logic CDB5376 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
CDB5376
DS612DB2
9
1.3
Software Setup
1.3.1
PC Requirements
The PC hardware requirements for the Cirrus Seismic Evaluation system are:
Windows XP, Windows 2000, Windows NT®
•Intel® Pentium® 600MHz or higher microprocessor
VGA resolution or higher video card
Minimum 64MB RAM
Minimum 40MB free hard drive space
1.3.2
Seismic Evaluation Software Installation
Important: For reliable USB communication, the USBXpress driver must be installed after the Seismic
Evaluation Software installation but before launching the application. The USBXpress driver files are in-
cluded in a sub-folder as part of the installation.
To install the Cirrus Logic Seismic Evaluation Software:
Go to the Cirrus Logic Industrial Software web page (http://www.cirrus.com/industrialsoftware). Click
the link for “Cirrus Seismic Evaluation GUI” to get to the download page and then click the link for “Cir-
rus Seismic Evaluation GUI Release Vxx” (xx indicates the version number).
Read the software license terms and click “Accept” to download the “SeismicEvalGUI_vxx.zip” file to
any directory on the PC.
Unzip the downloaded file to any directory and a “distribution” sub-folder containing the installation ap-
plication will automatically be created.
Open the “distribution” sub-folder and run “setup.exe”. If the Seismic Evaluation Software has been
previously installed, the uninstall wizard will automatically remove the previous version and you will
need to run “setup.exe” again.
Follow the instructions presented by the Cirrus Seismic Evaluation Installation Wizard. The default in-
stallation location is “C:\Program Files\Cirrus Seismic Evaluation”.
An application note, AN271 - Cirrus Seismic Evaluation GUI Installation Guide, is available from the Cirrus
Logic web site with step-by-step instructions on installing the Seismic Evaluation Software.
1.3.3
USBXpress Driver Installation
Important: For reliable USB communication, the USBXpress driver must be installed after the Seismic
Evaluation Software installation but before launching the application. The USBXpress driver files are in-
cluded in a sub-folder as part of the installation.
The Cirrus Logic Seismic Evaluation Software communicates with CDB5376 via USB using the USBX-
press driver from Silicon Laboratories (http://www.silabs.com). For convenience, the USBXpress driver
files are included as part of the installation package.
To install the USBXpress driver (after installing the Seismic Evaluation Software):


Similar Part No. - CDB5376

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5378 CIRRUS-CDB5378 Datasheet
3Mb / 72P
   Single-channel Seismic Evaluation System
More results

Similar Description - CDB5376

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5378 CIRRUS-CDB5378 Datasheet
3Mb / 72P
   Single-channel Seismic Evaluation System
CRD5376 CIRRUS-CRD5376 Datasheet
3Mb / 68P
   Multichannel Seismic Reference Design
logo
Amphenol Wilcoxon Sensi...
731A-P31 WILCOXON-731A-P31 Datasheet
336Kb / 1P
   Seismic accelerometer and power amplifier system
Rev.C.3 09/18
logo
Maxim Integrated Produc...
MAX11600 MAXIM-MAX11600_10 Datasheet
5Mb / 36P
   Evaluation System
Rev 0; 3/10
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
   Evaluation System/Evaluation Kit
Rev 1; 3/07
logo
Exar Corporation
XRT5794ES EXAR-XRT5794ES Datasheet
1Mb / 11P
   Evaluation System
logo
Maxim Integrated Produc...
MAX17823HEVKIT MAXIM-MAX17823HEVKIT Datasheet
1Mb / 40P
   Evaluation System
Rev 1; 5/19
logo
Bud Industries, Inc.
SCR8836 BUD-SCR8836 Datasheet
237Kb / 1P
   SEISMIC RACK
logo
Maxim Integrated Produc...
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
   MAX5581 Evaluation Kit/Evaluation System
Rev 0; 6/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com