Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8985 Datasheet(PDF) 64 Page - Wolfson Microelectronics plc

Part # WM8985
Description  Multimedia CODEC With Class D Headphone and Line Out
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985 Datasheet(HTML) 64 Page - Wolfson Microelectronics plc

Back Button WM8985 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8985 Datasheet HTML 68Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 118 page
background image
WM8985
Pre-Production
w
PP, Rev 3.4, October 2006
64
0
DACR2RMIX
1
Right DAC output to right output
mixer
0 = not selected
1 = selected
1
BYPR2RMIX
0
Right bypass path (from the right
channel input PGA stage) to right
output mixer
0 = not selected
1 = selected
4:2
BYPRMIXVOL
000
Right bypass volume control to
output channel mixer:
000 = -15dB
001 = -12dB
010 = -9dB
011 = -6dB
100 = -3dB
101 = 0dB
110 = +3dB
111 = +6dB
5
AUXR2RMIX
0
Right Auxiliary input to right channel
output mixer:
0 = not selected
1 = selected
R51 (33h)
Right channel
output mixer
control
8:6
AUXRMIXVOL
000
Aux right channel input to right mixer
volume control:
000 = -15dB
001 = -12dB
010 = -9dB
011 = -6dB
100 = -3dB
101 = 0dB
110 = +3dB
111 = +6dB
2
LMIXEN
0
Left output channel mixer enable:
0 = disabled
1= enabled
R3 (03h)
Power
management
3
3
RMIXEN
0
Right output channel mixer enable:
0 = disabled
1 = enabled
Table 33 Left and Right Output Mixer Control
HEADPHONE OUTPUTS (LOUT1 AND ROUT1)
The headphone outputs LOUT1 and ROUT1 can drive a 16
Ω or 32Ω headphone load, either through
DC blocking capacitors, or DC-coupled to a buffered midrail reference (LOUT2 or ROUT2), saving a
capacitor (capless mode). When using capless mode AVDD1 and AVDD2 should use the same
supply to maximise supply rejection. OUT3 and OUT4 should not be used as a buffered midrail
reference in capless mode.


Similar Part No. - WM8985

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8985GEFL WOLFSON-WM8985GEFL Datasheet
1Mb / 118P
   Multimedia CODEC With Class D Headphone and Line Out
WM8985GEFL WOLFSON-WM8985GEFL Datasheet
1Mb / 121P
   Multimedia CODEC with Class D Headphone and Line Out
WM8985GEFL/R WOLFSON-WM8985GEFL/R Datasheet
1Mb / 118P
   Multimedia CODEC With Class D Headphone and Line Out
WM8985GEFL/R WOLFSON-WM8985GEFL/R Datasheet
1Mb / 121P
   Multimedia CODEC with Class D Headphone and Line Out
WM8985 WOLFSON-WM8985_07 Datasheet
1Mb / 118P
   Multimedia CODEC With Class D Headphone and Line Out
More results

Similar Description - WM8985

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8985 WOLFSON-WM8985_09 Datasheet
1Mb / 121P
   Multimedia CODEC with Class D Headphone and Line Out
WM8985 WOLFSON-WM8985_07 Datasheet
1Mb / 118P
   Multimedia CODEC With Class D Headphone and Line Out
WM8986 WOLFSON-WM8986_07 Datasheet
1Mb / 87P
   Multimedia DAC With Class D Headphone and Line Out
WM8758 WOLFSON-WM8758 Datasheet
1Mb / 90P
   Stereo CODEC with Headphone Driver and Line Out
WM8758B WOLFSON-WM8758B Datasheet
1Mb / 90P
   Stereo CODEC with Headphone Driver and Line Out
WM8991 WOLFSON-WM8991 Datasheet
2Mb / 174P
   Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
logo
Cirrus Logic
CS42325 CIRRUS-CS42325 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
logo
Texas Instruments
TLV320AIC3263 TI1-TLV320AIC3263_16 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
logo
Cirrus Logic
CS42L56 CIRRUS-CS42L56 Datasheet
3Mb / 92P
   Ultralow Power, Stereo Codec with Class H Headphone Amp
Version 2.1, January 2000
logo
Texas Instruments
TLV320AIC3263 TI1-TLV320AIC3263_14 Datasheet
986Kb / 62P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com