Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4148 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TS4148
Description  0.3 AMPS High Speed Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TS4148 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TS4148 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS4148 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS4148 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Maximum Ratings and Electrical Characteristics
Ratings at 25°C ambient temperature unless otherwise specified.
Type Number
Units
Maximum Repetitive Peak Reverse Voltage
Reverse Voltage
Forward Current
V
V
mA
V
Features
For surface mounted application
Low forward voltage drop
High current capability
Fast switching for high efficiency
High surge current capability
Chip version in 1206 and 0805
High temperature soldering:
250°C / 10 seconds at terminals
Operating Temperature Range
Storage Temperature Range
°C
°C
-65 to +200
Voltage Range
100 Volts
Current
0.3 Ampere
TS4148
0.3 AMPS High Speed Switching Diode
Mechanical Data
Case: 1206 or 0805
Terminals: Tin plated
Polarity: Indicated by cathode arrow
Packaging: 8 mm tape per EIA STD RS-481
Dimensions in millimeters and (inches)
Maximum Average Forward Rectified Current
Resistive Load f > 50Hz
Peak Forward Surge Current,
Half Sine-wave
Maximum Instantaneous Forward Voltage
@ 10mA
Maximum Instantaneous Reverse
Current at Rated DC Blocking Voltage
Reverse Recovery Time ( Note 1)
Typical Junction Capacitance ( Note 2)
Typical Thermal Resistance Junction to Ambient
VRRM
VR
IF
IF(AV)
IFSM
VF
IR
trr
CJ
Symbol
TJ
TSTG
RTHJ-A
mA
A
mA
nA
µA
ns
°C/W
TS4148
100
150
75
-65 to +200
500
2.0
25.0
50.0
Notes: 1. Reverse Recovery Test Condition: IF = 10mA, VR = 6V, RL = 100 Ohm
2. Measured at 1 MHz and applied VR = 4.0V
4.0
pF
TSC
1.0
4.0
300
75
Rev.1 06/2003
Item
1206
0805
L
3.20 + 0.20
(0.127 + 0.008)
2.00 + 0.20
(0.080 + 0.008)
W
1.50 + 0.20
(0.062 + 0.008)
1.25 + 0.20
(0.050 + 0.008)
T
.085 + 0.10
(0.034 + 0.004)
.085 + 0.10
(0.034 + 0.004)
C
0.55 + 0.20
(0.022 + 0.008)
0.45 + 0.20
(0.018 + 0.008)
8.3 ms
1
µ S
T
J=25°C, VR=20V
T
J=125°C, VR=20V
Power Dissipation
PD
500
mW


Similar Part No. - TS4148

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4148 TSC-TS4148 Datasheet
141Kb / 2P
   0.5AMPS High Speed Switching Diode
TS4148-RXG TSC-TS4148-RXG Datasheet
205Kb / 3P
   500mW High Speed SMD Switching Diode
TS4148C TSC-TS4148C Datasheet
199Kb / 1P
   High Speed SMD Switching Diode
TS4148C TSC-TS4148C Datasheet
206Kb / 4P
   200mW High Speed SMD Switching Diode
TS4148CRZG TSC-TS4148CRZG Datasheet
130Kb / 2P
   200mW High Speed SMD Switching Diode
More results

Similar Description - TS4148

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL4148 TSC-LL4148 Datasheet
219Kb / 2P
   0.2 AMPS. High Speed Switching Rectifiers
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com