Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RC56LD Datasheet(PDF) 3 Page - Conexant Systems, Inc

Part No. RC56LD
Description  Integrated V.90/K56flex/V.34/V.32bis Modem Device Sets for Low Power Applications
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CONEXANT [Conexant Systems, Inc]
Homepage  http://www.conexant.com
Logo 

RC56LD Datasheet(HTML) 3 Page - Conexant Systems, Inc

 
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
,QWHJUDWHG9.IOH[99ELV0RGHP'HYLFH6HWV
5&/'5&/'DQG5&/'
MD213
Conexant
3
Features
• Downloadable MCU firmware from the host/DTE and
downloadable MDP code modules from the MCU
• Data modem
− ITU-T V.90 and K56flex (RC56LD models)
− V.34 (33.6 kbps) (RC56LD and RC336LD models)
− V.32 bis, V.32, V.22 bis, V.22, V.23, and V.21; Bell
212A and 103
− V.42 LAPM, MNP 2-4, and MNP 10 error correction
− V.42 bis and MNP 5 data compression
− MNP 10EC™ enhanced cellular performance
• Analog cellular direct connect
• GSM cellular direct connect
• Fax modem send and receive rates up to 33.6 kbps
− ITU-T V.34, V.17, V.29, V.27 ter, and V.21 channel 2
• V.80 synchronous access mode supports host-based
communication protocols
• World-class operation
− Call progress
− Blacklisting
− Multiple country support
• Voice/TAM mode/telephony extensions
− Handset support (SP models)
• Full-duplex speakerphone (FDSP) mode (SP models)
− Acoustic and line echo cancellation
− Microphone gain and muting
− Speaker volume control and muting
• AudioSpan simultaneous audio/voice and data (SP
models)
− ITU-T V.61 modulation (4.8 kbps data with audio)
− Handset, headset, or half-duplex speakerphone
• ITU-T V.70 DSVD using the RCDSVD SCP (SP models)
− ITU-T interoperable G.729 and G.729 Annex A with
interoperable G.729 Annex B
− Voice/silence detection and handset echo cancellation
− Robust DSVD timing recovery
− Handset, headset, or half-duplex speakerphone
• Host-based DSVD support with V.70 software drivers for
Windows 95
• Communication software compatible AT command sets
• NVRAM directory, stored profiles, and CIS table (option)
• Flash memory support
• Internal phase-locked loop (PLL)
• Built-in host/DTE interface with speeds up to 230.4 kbps
− Parallel 16550A UART-compatible interface (MCU)
− Serial ITU-T V.24 (EIA/TIA-232-E) (MCU)
− PC Card (MCUP)
• PC Card interface supports two functions with
programmable I/O window size (MCUP only)
• Flow control and speed buffering
• Automatic format/speed sensing
• Serial sync/async data; parallel async data
• Caller ID and distinctive ring detect
• JTAG Boundary Scan support
• Flexible PQFP and TQFP packaging options
− MCU/MCUP: 128-pin TQFP
− MDP: 144-pin TQFP or 100-PQFP
− RCDSVD SCP: 100-pin PQFP
• +3.3V operation with +5V tolerant inputs
• Sleep Mode
• Power use (mW, typical):
Device
Normal
Sleep
MCU/MCUP
165
10
MDP
250
33
SCP
550
50
Description
General
The modem device set, consisting of separate
microcontroller (MCU/MCUP), modem data pump (MDP),
and optional RCDSVD Speech Codec Processor (SCP)
devices, provides the processing core for a complete
modem design.
For data/fax/V.80/voice/TAM/speakerphone/host-
DSVD/AudioSpan operation, only the microcontroller
(MCU) and modem data pump (MDP) devices are
needed. The OEM adds an MCU crystal, discrete
components, and a telephone line/telephone/voice/-
TAM/analog cellular/GSM cellular interface circuit to
complete the modem system. Telephony extensions are
supported in the serial DTE models and optionally in the
parallel host models. Optional on-board DSVD operation
is supported with addition of the RCDSVD Speech Codec
Processor (SCP) device to an SP model. Table 1 shows
the supported functions by product family.
Dialing, call progress, V.80, telephone line interface,
voice/TAM, speakerphone, AudioSpan, DSVD, analog
cellular phone, and GSM phone interface functions are
supported and controlled through the AT command set.
Connection to the host/DTE is supported by serial DTE
interface (Figure 1), parallel host interface (Figure 2), or
PC Card interface (Figure 3), depending on modem model
and installed firmware. GSM operation is supported for
parallel host and PC Card interface only.
For U.S. operation, the modem can operate with a 1-relay
data/fax/TAM DAA interface (Figure 4) or a 2-relay
data/fax/TAM/V.61/Speakerphone DAA interface (Figure
5).
Data/Fax Modes
In V.90/K56flex data modem mode (RC56), the modem
can receive data from a digital source using a V.90- or
K56flex-compatible central site modem at line speeds up
to 56 kbps. Asymmetrical data transmission supports
sending data at speeds up to V.34 rates. This mode can
fallback to full-duplex V.34 mode.
In V.34 data modem mode (RC56 and RC336), the
modem can operate in 2-wire, full-duplex, asynchronous
modes at line rates up to 33.6 kbps. Data modem modes
perform complete handshake and data rate negotiations.
Using V.34 modulation to optimize modem configuration
for line conditions, the modem can connect at the highest
data rate that the channel can support from 33.6 kbps to
300 bps with automatic fallback. Automode operation in
V.34 is provided in accordance with PN3320 and in V.32
bis in accordance with PN2330. All tone and pattern
detection functions required by the applicable ITU or Bell
standard are supported.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn