Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA7S20-60GI Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TA7S20-60GI
Description  Triscend A7S Configurable System-on-Chip Platform
Download  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TA7S20-60GI Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TA7S20-60GI Datasheet HTML 1Page - List of Unclassifed Manufacturers TA7S20-60GI Datasheet HTML 2Page - List of Unclassifed Manufacturers TA7S20-60GI Datasheet HTML 3Page - List of Unclassifed Manufacturers TA7S20-60GI Datasheet HTML 4Page - List of Unclassifed Manufacturers TA7S20-60GI Datasheet HTML 5Page - List of Unclassifed Manufacturers TA7S20-60GI Datasheet HTML 6Page - List of Unclassifed Manufacturers TA7S20-60GI Datasheet HTML 7Page - List of Unclassifed Manufacturers TA7S20-60GI Datasheet HTML 8Page - List of Unclassifed Manufacturers TA7S20-60GI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 198 page
background image
Triscend A7S Configurable System-on-Chip Platform
SUBJECT TO CHANGE
4
TCH305-0001-002
E
Ex
xtte
errn
na
all IIn
ntte
errffa
ac
ce
e tto
o F
Flla
as
sh
h,, S
SD
DR
RA
AM
M
A static memory interface unit seamlessly connects the A7S device to external static
memories such as Flash or SRAM, as shown in Figure 2. An external Flash memory de-
vice contains the A7S’s initialization boot program plus the system application code. The
external memory interface has programmable read/write control and chip-select signals
that provide flexible set-up, strobe, and hold timing. The CPU connects directly to exter-
nal memory, eliminating any potential latency incurred by using the CSI bus. For low fre-
quency or minimal applications, the ARM7TDMI processor directly fetches its instructions
from external Flash.
The A7S optionally supports external SDRAM, offering additional affordable and high-
density memory to the system. The SDRAM interface connects an A7S-based system to
a variety of SDRAM types and configurations, including 100-pin DIMMs. The SDRAM in-
terface operates at up to 60 MHz and provides options to optimize the interface timing for
slower system clocks. SDRAM memory is ideal for DMA buffers. Similarly, the applica-
tion program can be stored in slow, cheap, byte-wide Flash and copied into SDRAM at
power-up. Then, the CPU starts executing code from the wider and faster SDRAM mem-
ory. The Flash and SDRAM interfaces share device pins, as shown in Figure 2.
Triscend A7
Configurable
System-on-Chip
(CSoC)
JTAG Connector
TCK TMS
TDI
TDO
TCK TMS
TDI
TDO
XIN
XOUT
RST-
SLAVE-
VCCIO
VCCIO
PIO[xxx:0]
FLASH
1Mx8
CE-
WE-
OE-
A[19:0]
D[7:0]
CE0-
WE-
OE-
SDCE0-
SDCLK
SDCKE
D[7:0]
D[15:8]
D[23:16]
D[31:24]
A[19:0]
A[23:20]
A[31:24]
[1]
[0]
[0]
[1]
[3:2]
[5:4]
[7:6]
[7:6]
[18:8]
[18:8]
CSoC Initialization Data
Application Code Storage
Faster Code Fetch Store
Application Data Storage
SDRAM
4Mx16
RAS
CAS
CLK
CKE
BS[1:0]
DQM[1:0]
WE-
CE-
A[10:0]
DQ[15:0]
SDRAM
4Mx16
RAS
CAS
CLK
CKE
BS[1:0]
DQM[1:0]
WE-
CE-
A[10:0]
DQ[15:0]
32.768 kHz
(OPTIONAL)
(OPTIONAL)
VCCPLL
+2.5V
VCCIO
+2.5V
or
+3.3V
VSYS
To ext.
memory
supply
VCC
+2.5V
GNDPLL
GNDIO
GND
Figure 2. A typical A7S-based system.


Similar Part No. - TA7S20-60GI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TA7 VISHAY-TA7 Datasheet
150Kb / 5P
   Small Signal Zener Diodes, Dual
Rev. 1.0, 08-Mar-06
logo
Clare, Inc.
TA7.0 CLARE-TA7.0 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
logo
Topstek Inc.
TA7.5A4V TOPSTEK-TA7.5A4V Datasheet
175Kb / 4P
   Topstek Current Transducer
logo
List of Unclassifed Man...
TA70-B8237 ETC2-TA70-B8237 Datasheet
823Kb / 2P
   2U AMD G34 platform for General applications
logo
Transko Electronics, In...
TA7019AV TRANSKO-TA7019AV Datasheet
637Kb / 4P
   70.0 MHz IF SAW Filter / 19.83 MHz Bandwidth
Revision 0: 21 Nov. 2007
More results

Similar Description - TA7S20-60GI

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP9312 CIRRUS-EP9312 Datasheet
884Kb / 62P
   Universal Platform System-on-chip Processor
logo
List of Unclassifed Man...
ARM920T ETC-ARM920T Datasheet
129Kb / 12P
   System-on-Chip Platform OS Processor
logo
Cirrus Logic
EP9315 CIRRUS-EP9315 Datasheet
1Mb / 64P
   Enhanced Universal Platform System-on-Chip Processor
logo
STMicroelectronics
PSD935G2 STMICROELECTRONICS-PSD935G2 Datasheet
488Kb / 91P
   Configurable Memory System on a Chip for 8-Bit Microcontrollers
PSD835G2 STMICROELECTRONICS-PSD835G2 Datasheet
570Kb / 110P
   Configurable Memory System on a Chip for 8-Bit Microcontrollers
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com