Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP197A Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. TLP197A
Description  TOSHIBA PHOTOCOUPLER PHOTO RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TLP197A Datasheet(HTML) 2 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP197A
2000-08-09
2/6
MAXIMUM RATINGS (Ta
==== 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
IF
50
mA
Forward Current Derating (Ta >
= 25°C)
DIF/°C
-0.5
mA/°C
Peak Forward Current (100
ms pulse, 100 pps)
IFP
1
A
Reverse Voltage
VR
5
V
Junction Temperature
Tj
125
°C
Off-State Output Terminal Voltage
VOFF
60
V
A Connection
400
B Connection
400
On-State RMS Current
C Connection
ION
800
mA
A Connection
-4.0
B Connection
-4.0
On-State Current Derating
(Ta >
= 25°C)
C Connection
DION/°C
-8.0
mA/°C
Junction Temperature
Tj
125
°C
Operating Temperature Range
Topr
-40~85
°C
Storage Temperature Range
Tstg
-55~125
°C
Lead Soldering Temperature (10 s)
Tsol
260
°C
Isolation Voltage (AC, 1 minute, R.H. <
= 60%) (NOTE1)
BVS
1500
Vrms
(NOTE1) :Device considered a two-terminal device : Pins 1, 2 and 3 shorted together, and pins 4, 5 and 6
shorted together.
RECOMMENDED OPERATING CONDITIONS
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VDD
¾
¾
48
V
Forward Current
IF
5
7.5
25
mA
On-State Current
ION
¾
¾
300
mA
Operating Temperature
Topr
-20
¾
65
°C
CIRCUIT CONNECTIONS
1
2
3
6
5
4
AC
or
DC
LOAD
1
2
3
6
5
4
DC
LOAD
1
2
3
6
5
4
DC
LOAD
A Connection
B Connection
C Connection


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn