Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP197A Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part No. TLP197A
Description  TOSHIBA PHOTOCOUPLER PHOTO RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TLP197A Datasheet(HTML) 5 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLP197A
2000-08-09
5/6
FORWARD CURRENT I (mA)
tON,tOFF
- I
Ta=25℃
V =20V, R =200Ω
DD
L
F
F
tON
tOFF
1
10
100
5
3
30 50
100
1000
2000
30
50
300
500
AMBIENT TEMPERATURE Ta(℃)
tON,tOFF
- Ta
V =20V, R =200Ω
I =5mA
DD
F
L
tON
tOFF
-40
-20
0
20
40
60
80
100
0
200
400
600
800
1000
AMBIENT TEMPERATURE Ta(℃)
I
- Ta
OFF
V  =60V
OFF
-20
0
20
40
60
80
100
0.1
1
10
100


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn