Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP197A Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TLP197A
Description  TOSHIBA PHOTOCOUPLER PHOTO RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TLP197A Datasheet(HTML) 4 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP197A
2000-08-09
4/6
AMBIENT TEMPERATURE Ta(℃)
I
- Ta
F
-20
0
20
40
60
80
100 120
0
20
40
60
80
100
AMBIENT TEMPERATURE Ta(℃)
I
- Ta
ON
A,B CONNECTION
C CONNECTION
-20
0
20
40
60
80
100 120
0
200
400
600
800
1000
1200
FORWARD VOLTAGE V(V)
I
- V
F
F
F
0.6
0.8
1
1.2
1.4
1.6
1.8
0.1
1
10
100
0.3
0.5
3
5
50
30
ON-STATE VOLTAGE V
(V)
I
- V
ON
Ta=25℃,I =5mA
A CONNECTION
F
ON
ON
-1
-0.5
0
0.5
1
-750
-500
-250
0
250
500
750
AMBIENT TEMPERATURE Ta(℃)
R
- Ta
ON
I
=400mA
I =5mA
F
ON
-20
0
20
40
60
80
100
0
0.5
1
1.5
2
AMBIENT TEMPERATURE Ta(℃)
IFT
- Ta
I =400mA
t<1s
ON
-40
-20
0
20406080
100
0
1
2
3
4
5


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn