Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BST122 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BST122
Description  P-channel enhancement mode vertical D-MOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BST122 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BST122 Datasheet HTML 2Page - NXP Semiconductors BST122 Datasheet HTML 3Page - NXP Semiconductors BST122 Datasheet HTML 4Page - NXP Semiconductors BST122 Datasheet HTML 5Page - NXP Semiconductors BST122 Datasheet HTML 6Page - NXP Semiconductors BST122 Datasheet HTML 7Page - NXP Semiconductors BST122 Datasheet HTML 8Page - NXP Semiconductors BST122 Datasheet HTML 9Page - NXP Semiconductors BST122 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
April 1995
6
Philips Semiconductors
Product specification
P-channel enhancement mode vertical
D-MOS transistor
BST122
Fig.6
Output characteristics; Tj =25 °C;
typical values.
handbook, halfpage
0
−0.6
−0.8
−0.4
−0.2
0
−2
−4
−10
−8
−6
MDA781
ID
(A)
VDS (V)
−6 V
−5 V
−4.5 V
−7.5 V
VGS = −10 V


Similar Part No. - BST122

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BST120 PHILIPS-BST120 Datasheet
57Kb / 12P
   P-channel enhancement mode vertical D-MOS transistor
April 1995
logo
CIT Relay & Switch
BST12P1A CIT-BST12P1A Datasheet
242Kb / 4P
   CIT SWITCH
BST12P1B CIT-BST12P1B Datasheet
242Kb / 4P
   CIT SWITCH
BST12P1N CIT-BST12P1N Datasheet
242Kb / 4P
   CIT SWITCH
BST12P2A CIT-BST12P2A Datasheet
242Kb / 4P
   CIT SWITCH
More results

Similar Description - BST122

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSP205 PHILIPS-BSP205 Datasheet
65Kb / 12P
   P-channel enhancement mode vertical D-MOS transistor
April 1995
BSP230 PHILIPS-BSP230 Datasheet
95Kb / 12P
   P-channel enhancement mode vertical D-MOS transistor
1997 Jun 17
BSP255 PHILIPS-BSP255 Datasheet
65Kb / 10P
   P-channel enhancement mode vertical D-MOS transistor
1996 Aug 05
BSP92 PHILIPS-BSP92 Datasheet
52Kb / 8P
   P-channel enhancement mode vertical D-MOS transistor
April 1995
BST100 PHILIPS-BST100 Datasheet
67Kb / 12P
   P-channel enhancement mode vertical D-MOS transistor
April 1995
BSP090 PHILIPS-BSP090 Datasheet
124Kb / 12P
   P-channel enhancement mode vertical D-MOS transistor
1997 Mar 13
BSP204 PHILIPS-BSP204 Datasheet
65Kb / 12P
   P-channel enhancement mode vertical D-MOS transistor
April 1995
BSP220 PHILIPS-BSP220 Datasheet
76Kb / 12P
   P-channel enhancement mode vertical D-MOS transistor
April 1995
BSS84 PHILIPS-BSS84 Datasheet
89Kb / 12P
   P-channel enhancement mode vertical D-MOS transistor
1997 Jun 18
BS208 PHILIPS-BS208 Datasheet
64Kb / 12P
   P-channel enhancement mode vertical D-MOS transistor
April 1995
BSP225 PHILIPS-BSP225 Datasheet
76Kb / 12P
   P-channel enhancement mode vertical D-MOS transistor
April 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com