Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA7S04 Datasheet(PDF) 86 Page - List of Unclassifed Manufacturers

Part # TA7S04
Description  Triscend A7S Configurable System-on-Chip Platform
Download  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TA7S04 Datasheet(HTML) 86 Page - List of Unclassifed Manufacturers

Back Button TA7S04 Datasheet HTML 82Page - List of Unclassifed Manufacturers TA7S04 Datasheet HTML 83Page - List of Unclassifed Manufacturers TA7S04 Datasheet HTML 84Page - List of Unclassifed Manufacturers TA7S04 Datasheet HTML 85Page - List of Unclassifed Manufacturers TA7S04 Datasheet HTML 86Page - List of Unclassifed Manufacturers TA7S04 Datasheet HTML 87Page - List of Unclassifed Manufacturers TA7S04 Datasheet HTML 88Page - List of Unclassifed Manufacturers TA7S04 Datasheet HTML 89Page - List of Unclassifed Manufacturers TA7S04 Datasheet HTML 90Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 198 page
background image
Triscend A7S Configurable System-on-Chip Platform
SUBJECT TO CHANGE
86
TCH305-0001-002
Switching Between the PLL and the CLK Input Pin
1. If the current clock source is slower than 30 MHz, modify the memory interface timing
values to operate from the internal ring oscillator at the maximum oscillator frequency
of 30 MHz.
2. If using SDRAM and the current clock sources is faster than 15 MHz, modify the
SDRAM refresh timer for the internal ring oscillator’s minimum frequency of 15 MHz.
3. Write the CLK_SEL_BIT with ‘0’, switching temporarily to the internal ring oscillator.
4. If the CLK pin is the desired clock source, write a ‘0’ to the PLL_SEL_BIT. If the PLL
is the desired clock source, write a ‘1’ to the PLL_SEL_BIT.
5. If the new clock source is the PLL, modify the PLL parameters for the new desired
frequency.
a. Write a ‘1’ to the PLL_LOCK_CLEAR_BIT to reset the PLL Locked Flag.
b. Monitor the PLL_LOCK_BIT and wait for it to be set, indicating that the PLL is
locked to the specified frequency.
6. Switch back to the PLL or CLK input pin by writing a ‘1’ to the CLK_SEL_BIT.
7. Modify the memory interface and SDRAM timing values for the new clock source.
A
Alltte
errn
na
atte
e C
Cllo
oc
ck
k S
Siid
de
eb
ba
an
nd
d S
Siig
gn
na
all
The alternate clock sideband signal, ACLK, is only available to the CSL matrix and provides
the direct output from the 32.786 kHz crystal oscillator or the output from the PLL pre-scaler,
as shown in Figure 46.
The alternate clock signal, shown in Figure 48, is typically used during power-down mode
where a small “time-keeper” function in the CSL matrix operates directly from the 32.687 kHz
crystal oscillator and wakes the A7S device periodically.
ACLK
CSL
Alternate
Clock
Figure 48. The ACLK sideband signal drives directly and only into the CSL matrix.
C
Cllo
oc
ck
k a
an
nd
d P
PL
LL
L C
Co
on
nttrro
oll R
Re
eg
giis
stte
errs
s D
De
es
sc
crriip
pttiio
on
n
System control Memory Map
Address
Base
Offset
Register Name
Access
+ 0x00
Clock Control
R/W
+ 0x04
PLL Status
R
SYS_BASE
+ 0x08
PLL Status Clear
W


Similar Part No. - TA7S04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TA7 VISHAY-TA7 Datasheet
150Kb / 5P
   Small Signal Zener Diodes, Dual
Rev. 1.0, 08-Mar-06
logo
Clare, Inc.
TA7.0 CLARE-TA7.0 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
logo
Topstek Inc.
TA7.5A4V TOPSTEK-TA7.5A4V Datasheet
175Kb / 4P
   Topstek Current Transducer
logo
List of Unclassifed Man...
TA70-B8237 ETC2-TA70-B8237 Datasheet
823Kb / 2P
   2U AMD G34 platform for General applications
logo
Transko Electronics, In...
TA7019AV TRANSKO-TA7019AV Datasheet
637Kb / 4P
   70.0 MHz IF SAW Filter / 19.83 MHz Bandwidth
Revision 0: 21 Nov. 2007
More results

Similar Description - TA7S04

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP9312 CIRRUS-EP9312 Datasheet
884Kb / 62P
   Universal Platform System-on-chip Processor
logo
List of Unclassifed Man...
ARM920T ETC-ARM920T Datasheet
129Kb / 12P
   System-on-Chip Platform OS Processor
logo
Cirrus Logic
EP9315 CIRRUS-EP9315 Datasheet
1Mb / 64P
   Enhanced Universal Platform System-on-Chip Processor
logo
STMicroelectronics
PSD935G2 STMICROELECTRONICS-PSD935G2 Datasheet
488Kb / 91P
   Configurable Memory System on a Chip for 8-Bit Microcontrollers
PSD835G2 STMICROELECTRONICS-PSD835G2 Datasheet
570Kb / 110P
   Configurable Memory System on a Chip for 8-Bit Microcontrollers
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com