Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFL21SP106X1C3 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # NFL21SP106X1C3
Description  On-Board Type (DC) EMI Suppression Filters (EMIFIL)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFL21SP106X1C3 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  NFL21SP106X1C3 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NFL21SP106X1C3 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NFL21SP106X1C3 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
91
2
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
On-Board Type (DC) EMI Suppression Filters (EMIFILr)
Chip EMIFILr LC Combined Monolithic Type NFL18ST/NFL18SP/NFL21S Series
NFL18ST Series
The NFL18ST series is an EMI suppression filter for
high speed signal lines, achieving T-type structure in
1.6x0.8mm size with Murata's multilayer technology.
s Features
1. Ultra-small size in 1.6x0.8x0.8mm
2. Steep insertion loss characteristics realize
excellent noise suppression and prevent distortion
of signal waveform.
3. By minimizing stray capacitance of inductor,
achieves high performance in noise suppression
in high frequency range.
4. Five different values of cut off frequency are
available, ranging from 100MHz up to 500MHz.
5. No polarity using the same structure on all the
side electrode.
s Applications
Noise suppression for video signal lines (RGB lines)
and high speed clock lines
0.2 min.
0.25
±0.1
0.25
±0.1
0.8
±0.1
0.4
±0.1
1.6
±0.1
0.2 min.
(1)
(3)
(2)
(2)
(in mm)
Part Number
Cut-off Frequency
(MHz)
Capacitance
(pF)
Inductance
(nH)
Rated
Voltage
(Vdc)
Rated
Current
(mA)
Insulation
Resistance
(M ohm)
Operating
Temperature Range
(
°C)
NFL18ST107X1C3
100
40 +20%,-20%
175 +20%,-20%
16
100
1000
-55 to 125
NFL18ST157X1C3
150
32 +20%,-20%
140 +20%,-20%
16
100
1000
-55 to 125
NFL18ST207X1C3
200
25 +20%,-20%
110 +20%,-20%
16
150
1000
-55 to 125
NFL18ST307X1C3
300
18 +20%,-20%
62 +20%,-20%
16
200
1000
-55 to 125
NFL18ST507X1C3
500
10 +20%,-20%
43 +20%,-20%
16
200
1000
-55 to 125
Number of Circuits : 1
s Equivalent Circuit
Input
(1)
GND
(2)
Output
(3)
No Polarity.
s Insertion Loss Characteristics (Typical)
Frequency (MHz)
(50
Ω - 50Ω)
110
5
100
5000
50
1000
500
0
20
40
60
80
NFL18ST507X1C3
NFL18ST307X1C3
NFL18ST207X1C3
NFL18ST157X1C3
NFL18ST107X1C3
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering.
!Note
C31E11.pdf 04.3.8


Similar Part No. - NFL21SP106X1C3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFL21SP106X1C3 MURATA-NFL21SP106X1C3 Datasheet
1Mb / 48P
   SMD/BLOCK Type EMI Suppression Filters
NFL21SP106X1C3 MURATA-NFL21SP106X1C3 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
logo
Murata Manufacturing Co...
NFL21SP106X1C3 MURATA1-NFL21SP106X1C3 Datasheet
304Kb / 3P
   Suppresses noise with little attenuation of the signal itself due to its steep filtering characteristics.
Last updated07/26/2022
NFL21SP106X1C3B MURATA1-NFL21SP106X1C3B Datasheet
304Kb / 3P
   Suppresses noise with little attenuation of the signal itself due to its steep filtering characteristics.
Last updated07/26/2022
logo
Murata Manufacturing Co...
NFL21SP106X1C3D MURATA-NFL21SP106X1C3D Datasheet
67Kb / 2P
   EMIFIL (LC Combined) Multilayer Type NFL21SP Series (0805 Size)
More results

Similar Description - NFL21SP106X1C3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM18C MURATA-NFM18C Datasheet
79Kb / 4P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
BLM31PG330SN1 MURATA-BLM31PG330SN1 Datasheet
290Kb / 18P
   On-Board Type (DC) EMI Suppression Filters
logo
List of Unclassifed Man...
BL01RN ETC1-BL01RN Datasheet
2Mb / 163P
   On-Board Type (DC) EMI Suppression Filters
logo
Murata Manufacturing Co...
DSN9 MURATA-DSN9 Datasheet
357Kb / 3P
   On-Board Type (DC) EMI Suppression Filters
DSS6NB32A471Q55B MURATA-DSS6NB32A471Q55B Datasheet
950Kb / 40P
   EMI Suppression Filters (Lead Type EMIFIL)
NFM21HC104R1A3D MURATA-NFM21HC104R1A3D Datasheet
6Mb / 93P
   On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com