Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-AU83L Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. S-AU83L
Description  FM RF POWER AMPLIFIER MODULE for UHF BAND
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

S-AU83L Datasheet(HTML) 3 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S-AU83L
3
2004-01-06
SCHEMATIC
TEST FIXTURE
VGG
VDD
Po
ZL=50Ω
GROUND
(FRANGE)
Pi
ZG=50Ω
Pi
Po
VGG
VDD
C1
C1
C2
C2
L
L
C1:15000pF
C2:10μF
L:φ0.8 ENAMEL WIRE、8T、5ID


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn