Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-AU83L Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. S-AU83L
Description  FM RF POWER AMPLIFIER MODULE for UHF BAND
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

S-AU83L Datasheet(HTML) 1 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S-AU83L
1
2004-01-06
TOSHIBA RF POWER AMPLIFIER MODULE
S-AU83L
FM RF POWER AMPLIFIER MODULE for UHF BAND
Output Power :32W (Min.)
Power Gain :28.0dB (Min.)
Total Efficiency:40% (Min.)
MAXIMUM RATINGS (Tc = 25℃, ZG = ZL = 50Ω)
CHARACTERISTIC
SYMBOL
TEST CONDITION
RATING
UNIT
DC Supply Voltage
VDD
VGG =0V, Pi =0mW
16.5
V
DC Supply Voltage
VDD
VGG≦5V, Pi =50mW, Po≦32W
16.5
V
DC Supply Voltage
VGG
VDD≦12.5V, Pi =50mW
5.5
V
Total Current
IT
VDD≦12.5V, Pi =50mW
10
A
Input Power
Pi
VDD≦12.5V, VGG≦5V
100
mW
Output Power
Po
12.5V< VDD≦16.5V, VGG≦5V, Pi =50mW
40
W
Operating Case Temperature Range
Tc (opr)
VGG≦5V
-30~100
Storage Temperature Range
Tstg
-40~110
Caution: This maximum rating given in a sheet guarantees each item independently. When two items
or more of maximum rated items joins a device at once. It becomes the outside of a guarantee.
Please design in circuit to make it always operate within this reguration also on the worst condition.
PACKAGE OUTLINE
RF Input
VGG
VDD
RF Outout ⑤ GROUND(FRANGE)
JEDEC
JEITA
TOSHIBA
5-53P
Weight: 35g
Unit in mm


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn