Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBK04T12LSA Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # FBK04T12LSA
Description  Locked rotor protection circuits Automatically restarts in a few seconds Reverse voltage protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FBK04T12LSA Datasheet(HTML) 2 Page - Panasonic Semiconductor

  FBK04T12LSA Datasheet HTML 1Page - Panasonic Semiconductor FBK04T12LSA Datasheet HTML 2Page - Panasonic Semiconductor FBK04T12LSA Datasheet HTML 3Page - Panasonic Semiconductor FBK04T12LSA Datasheet HTML 4Page - Panasonic Semiconductor FBK04T12LSA Datasheet HTML 5Page - Panasonic Semiconductor FBK04T12LSA Datasheet HTML 6Page - Panasonic Semiconductor FBK04T12LSA Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FEATURES
LOCKED ROTOR ALARM SIGNAL
Signal given when
fan is running
VH
VL
1 Revolution
2PPR
VH
Axial models
1BS
FBK04F
FAL
FCB
S
S
S
VL
V goes VL to VH
Signal given when
fan is locked up
Available
Models
Part Number
Suffix
2 PULSE PER REVOLUTION SIGNAL
Signal given when
fan is running
VH
VL
If fan locks on VH, signal
stays locked. If fan locks
on VL, signal stays at VL
for a few hundred MS,
then moves to VH.
(A:B ˜1:5; A ≥ 100MS)
Axial models
except:
FBK04F
FBA06T
FBA08T
FCB
FAL
1BX
Signal given when
fan is locked up
Available
Models
Part Number
Suffix
A
B
VL
Lock
In Panaflo FBA series models,
a locked rotor alarm sensor is
available in all models.
For Blowers and Crossflo fans,
a locked sensor can be provided
as an option.
A pulse sensor that transmits
signals when the motor rotates
is also available as an option.
The 2 pulse per revolution
sensor output is available in all
FBA Series models except the
15 mm “T” versions.
Specifications of Various Sensors
Panaflo Built-in Connector System
Lead Wire Connectors:
Style: MASS TERMINATION (standard)
AMP P/N 173977-3
CRIMP TYPE (this style is a 2 piece assembly)
AMP P/N 175778-3 (housing)
AMP P/N 175102-1 (terminal)
Notes:
Connector style effects lead wire guage.
Please refer to fan specs for further details.
All axial fans except the FBA06T, FBA08T and FBKO4F
versions come standard with the mass termination
connector. The FBA06T, FBA08T and FBKO4F fan leads are
connected directly to the PC board in the fan assembly.
All FCB Crossflo models and FAL Blower fan leads are
soldered directly to the PC board in the fan assembly.
2


Similar Part No. - FBK04T12LSA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FBK04F05H ETC2-FBK04F05H Datasheet
270Kb / 7P
   Allowable Ambient Temperature Range
FBK04F05L ETC2-FBK04F05L Datasheet
270Kb / 7P
   Allowable Ambient Temperature Range
FBK04F12H ETC2-FBK04F12H Datasheet
270Kb / 7P
   Allowable Ambient Temperature Range
FBK04F12L ETC2-FBK04F12L Datasheet
270Kb / 7P
   Allowable Ambient Temperature Range
FBK04F12U ETC2-FBK04F12U Datasheet
270Kb / 7P
   Allowable Ambient Temperature Range
More results

Similar Description - FBK04T12LSA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL-VNH5019-P2 STMICROELECTRONICS-EVAL-VNH5019-P2 Datasheet
88Kb / 3P
   Reverse-voltage protection
logo
Maxim Integrated Produc...
MAX14912EVKIT MAXIM-MAX14912EVKIT Datasheet
5Mb / 24P
   Reverse-Voltage Protection
Rev 0; 3/16
MAX16126 MAXIM-MAX16126 Datasheet
2Mb / 19P
   Load-Dump/Reverse-Voltage Protection Circuits
Rev 0; 11/11
MAX16126 MAXIM-MAX16126_V01 Datasheet
1Mb / 19P
   Load-Dump/Reverse-Voltage Protection Circuits
2019
MAX16128 MAXIM-MAX16128 Datasheet
1Mb / 15P
   Load-Dump/Reverse-Voltage Protection Circuits
Rev 1; 9/12
MAX16128 MAXIM-MAX16128_V01 Datasheet
877Kb / 15P
    Load-Dump/Reverse-Voltage Protection Circuits
2019
MAX14914EVKIT MAXIM-MAX14914EVKIT Datasheet
1Mb / 10P
   Reverse Supply Voltage Protection
Rev 1; 8/20
logo
Dialog Semiconductor
SLG59M1639V DIALOG-SLG59M1639V Datasheet
407Kb / 11P
   Reverse-current/voltage Protection
logo
Sangdest Microelectroni...
SK56A SMC-SK56A Datasheet
142Kb / 6P
   Reverse battery protection
SL54B SMC-SL54B Datasheet
200Kb / 6P
   Reverse battery protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com