Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBA12T05M1SA Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # FBA12T05M1SA
Description  Locked rotor protection circuits Automatically restarts in a few seconds Reverse voltage protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FBA12T05M1SA Datasheet(HTML) 5 Page - Panasonic Semiconductor

  FBA12T05M1SA Datasheet HTML 1Page - Panasonic Semiconductor FBA12T05M1SA Datasheet HTML 2Page - Panasonic Semiconductor FBA12T05M1SA Datasheet HTML 3Page - Panasonic Semiconductor FBA12T05M1SA Datasheet HTML 4Page - Panasonic Semiconductor FBA12T05M1SA Datasheet HTML 5Page - Panasonic Semiconductor FBA12T05M1SA Datasheet HTML 6Page - Panasonic Semiconductor FBA12T05M1SA Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
PANAFLO FAN PRODUCT DESIGNATION CODE
Panaflo Fan
F
B AO8A1 2
H1A S
Bearing Type
A: HWB (Hydro Wave)
K: Ball Bearing (40mm Only)
Housing Size
04: 40 x 40mm
06: 60 x 60mm
08: 80 x 80mm
09: 92 x 92mm
12: 120 x 120mm
Housing Thickness
A: 25.5mm
T: 15mm (Thin)
G: 38mm
F: 20mm
Rated Voltage
12: 12 VDC
24: 24 VDC
05: 5 VDC
Speed
L: Low
M: Middle
H: High
U: Ultra High
V: Variable (Option)
Lead Wire (FBA Only)
A: Standard 2 leads (GND, PWR)
B: Standard 3 leads (GND, PWR, Signal)
C: 3rd lead thermal sensor (variable)
Option
S: Locked rotor alarm sensor
Z: Solid corner housing
X: 2 PPR speed sensor (TAC Output)
O: S + Z
1: Hub mounted thermal sensor
Terminal (FBA Only)
1: With leads
: No leads
Motor Type
FB: Panaflo
(DC Axial-flow fan)
Crossflo Fan
F
C B34AD 2
4 S
Option
S: Locked rotor alarm sensor
S
Option
S: Locked rotor alarm sensor
Fan Outside Diameter
34: Ø34 mm
Rated Voltage
12: 12 VDC
24: 24 VDC
Fan Motor Length
AA: 134.50mm
AB: 173.50mm
AC: 212.50mm
AD: 251.50mm
AE: 290.50mm
AF: 329.50mm
Motor Type
FCB: Brushless Crossflo Fan
Blowers
FA
L6F1 2
L
H
Speed
LL: Low Speed
LH: High Speed
Model Change
Blower Size
3—50 x 50mm (Ball Bearing)
5—76 x 76mm (Hydro Wave)
6—109 x 114mm (Hydro Wave)
Rated Voltage
05: 5 VDC
12: 12 VDC
24: 24 VDC
Motor Type
FAL: Brushless Fan
(variable)


Similar Part No. - FBA12T05M1SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FBA12G12H1A ETC2-FBA12G12H1A Datasheet
270Kb / 7P
   Allowable Ambient Temperature Range
FBA12G12L1A ETC2-FBA12G12L1A Datasheet
270Kb / 7P
   Allowable Ambient Temperature Range
FBA12G12M1A ETC2-FBA12G12M1A Datasheet
270Kb / 7P
   Allowable Ambient Temperature Range
FBA12G12U1A ETC2-FBA12G12U1A Datasheet
270Kb / 7P
   Allowable Ambient Temperature Range
FBA12G24H1A ETC2-FBA12G24H1A Datasheet
270Kb / 7P
   Allowable Ambient Temperature Range
More results

Similar Description - FBA12T05M1SA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL-VNH5019-P2 STMICROELECTRONICS-EVAL-VNH5019-P2 Datasheet
88Kb / 3P
   Reverse-voltage protection
logo
Maxim Integrated Produc...
MAX14912EVKIT MAXIM-MAX14912EVKIT Datasheet
5Mb / 24P
   Reverse-Voltage Protection
Rev 0; 3/16
MAX16126 MAXIM-MAX16126 Datasheet
2Mb / 19P
   Load-Dump/Reverse-Voltage Protection Circuits
Rev 0; 11/11
MAX16126 MAXIM-MAX16126_V01 Datasheet
1Mb / 19P
   Load-Dump/Reverse-Voltage Protection Circuits
2019
MAX16128 MAXIM-MAX16128 Datasheet
1Mb / 15P
   Load-Dump/Reverse-Voltage Protection Circuits
Rev 1; 9/12
MAX16128 MAXIM-MAX16128_V01 Datasheet
877Kb / 15P
    Load-Dump/Reverse-Voltage Protection Circuits
2019
MAX14914EVKIT MAXIM-MAX14914EVKIT Datasheet
1Mb / 10P
   Reverse Supply Voltage Protection
Rev 1; 8/20
logo
Dialog Semiconductor
SLG59M1639V DIALOG-SLG59M1639V Datasheet
407Kb / 11P
   Reverse-current/voltage Protection
logo
Sangdest Microelectroni...
SK56A SMC-SK56A Datasheet
142Kb / 6P
   Reverse battery protection
SL54B SMC-SL54B Datasheet
200Kb / 6P
   Reverse battery protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com