Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7327 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJU7327
Description  Single-phase DC Brushless Motor Driver IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7327 Datasheet(HTML) 5 Page - New Japan Radio

  NJU7327 Datasheet HTML 1Page - New Japan Radio NJU7327 Datasheet HTML 2Page - New Japan Radio NJU7327 Datasheet HTML 3Page - New Japan Radio NJU7327 Datasheet HTML 4Page - New Japan Radio NJU7327 Datasheet HTML 5Page - New Japan Radio NJU7327 Datasheet HTML 6Page - New Japan Radio NJU7327 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NJU7327
- 5 -
I APPLICATION NOTE
The NJU7327 is a single-phase DC brushless motor driver IC in small VSP-10 package.
With minimal external components, it can drive up to 200mA of motor current for small fan application.
[Application Circuit Example]
IN+
IN-
VDD
LD
VSS
OUTB
OUTA
FG
Motor
Hall
element
C2
R1
R3
R2
FG out
NJU7327
V+
GND
C1
D1
[Design Notes]
Above application example is designed for 12V operation with motor current of 200mA. It uses the following
components:
Hall elements: HW101A (AKE)
1. Selection of C1 and D1:
C1 is used for a noise reduction purpose. A typical value is 0.1uF.
Optimize the value in actual operating conditions if necessary. D1 is a diode for protection against reverse voltage
supply. Silicon rectifier diode (WO3C, 10D1 and equivalent) is appropriate.
2. Lock Protection Function (Design of C2 value):
Lock Protection Function, consists of Motor Lock Detection and Auto Resume Function, is a safety feature to protect
a motor and a driver circuit from fatal destruction in case of motor halt.
Motor Lock Detection detects motor halt due to irregular load conditions and then cuts motor driving current f or
safety operation. A value of C2 determines Lock detection time () and Auto Resume Time (Toff).


Similar Part No. - NJU7327

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NJU7325 ETC-NJU7325 Datasheet
58Kb / 3P
   Single-Phase DC Brushless Motor Driver IC
logo
New Japan Radio
NJU7325 NJRC-NJU7325 Datasheet
52Kb / 4P
   Single-phase DC Brushless Motor Driver IC
NJU7325R-TE1 NJRC-NJU7325R-TE1 Datasheet
52Kb / 4P
   Single-phase DC Brushless Motor Driver IC
NJU7326 NJRC-NJU7326 Datasheet
69Kb / 3P
   Single-phase DC Brushless Motor Driver IC
NJU7328 NJRC-NJU7328 Datasheet
37Kb / 3P
   SINGLE PHASE DC BRUSHLESS MOTOR DRIVER IC
More results

Similar Description - NJU7327

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7364 NJRC-NJU7364 Datasheet
146Kb / 6P
   Single-phase DC Brushless Motor Driver IC
NJU7326 NJRC-NJU7326 Datasheet
69Kb / 3P
   Single-phase DC Brushless Motor Driver IC
NJU7328 NJRC-NJU7328 Datasheet
37Kb / 3P
   SINGLE PHASE DC BRUSHLESS MOTOR DRIVER IC
NJU7367 NJRC-NJU7367 Datasheet
81Kb / 7P
   Single-phase DC Brushless Motor Driver IC
NJU7367A NJRC-NJU7367A Datasheet
85Kb / 7P
   Single-phase DC Brushless Motor Driver IC
NJU7366 NJRC-NJU7366 Datasheet
75Kb / 6P
   Single-phase DC Brushless Motor Driver IC
NJU7365 NJRC-NJU7365 Datasheet
68Kb / 6P
   Single-phase DC Brushless Motor Driver IC
NJU7325R-TE1 NJRC-NJU7325R-TE1 Datasheet
52Kb / 4P
   Single-phase DC Brushless Motor Driver IC
logo
List of Unclassifed Man...
NJU7325 ETC-NJU7325 Datasheet
58Kb / 3P
   Single-Phase DC Brushless Motor Driver IC
logo
New Japan Radio
NJU7329A NJRC-NJU7329A Datasheet
132Kb / 9P
   Single-phase DC Brushless Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com