Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJL6201R-1 Datasheet(PDF) 3 Page - New Japan Radio

Part No. NJL6201R-1
Description  HIGH SPEED PIN PHOTO DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NJRC [New Japan Radio]
Homepage  http://www.njr.co.jp/index_e.htm
Logo 

NJL6201R-1 Datasheet(HTML) 3 Page - New Japan Radio

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NJL6201R-1
- 3 -
Ver.2005-01-20
Relative Sensitivity vs. Frequency (Ta=25
°C)
Capacitance vs. Reverse Voltage (Ta=25
°C)
MEASURING CIRCUIT FOR RESPONSE TIME
Oscilloscope
50
Laser
NJL6201R-1
Pulse
Generator
tr
tf
99%
1%
Input
Output
-6
-5
-4
-3
-2
-1
0
1
10
100
1000
Frequency f(MHz)
VR=2.5V, λ=650nm,
RL=50Ω
6
7
8
9
10
11
12
13
01
23
45
Reverse Voltage VR(V)


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn