Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5508BPAGR Datasheet(PDF) 74 Page - Texas Instruments

Part # TAS5508BPAGR
Description  8-Channel Digital Audio PWM Processor
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508BPAGR Datasheet(HTML) 74 Page - Texas Instruments

Back Button TAS5508BPAGR Datasheet HTML 70Page - Texas Instruments TAS5508BPAGR Datasheet HTML 71Page - Texas Instruments TAS5508BPAGR Datasheet HTML 72Page - Texas Instruments TAS5508BPAGR Datasheet HTML 73Page - Texas Instruments TAS5508BPAGR Datasheet HTML 74Page - Texas Instruments TAS5508BPAGR Datasheet HTML 75Page - Texas Instruments TAS5508BPAGR Datasheet HTML 76Page - Texas Instruments TAS5508BPAGR Datasheet HTML 77Page - Texas Instruments TAS5508BPAGR Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 106 page
background image
www.ti.com
7
Serial-Control Interface Register Definitions
7.1
Clock Control Register (0x00)
7.2
General Status Register 0 (0x01)
7.3
System Control Register 1 (0x03)
TAS5508B
8-Channel Digital Audio PWM Processor
SLES162B – DECEMBER 2005 – REVISED APRIL 2006
Unless otherwise noted, the I2C register default values are in bold font.
Note that u indicates unused bits.
Bit D1 is don't care.
Table 7-1. Clock Control Register Format
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
32-kHz data rate
0
0
1
38-kHz data rate
0
1
0
44.1-kHz data rate
0
1
1
48-kHz data rate
1
0
0
88.2-kHz data rate
1
0
1
96-kHz data rate
1
1
0
176.4-kHz data rate
1
1
1
192-kHz data rate
0
0
0
MCLK frequency = 64
0
0
1
MCLK frequency = 128
0
1
0
MCLK frequency = 192
0
1
1
MCLK frequency = 256
1
0
0
MCLK frequency = 384
1
0
1
MCLK frequency = 512
1
1
0
MCLK frequency = 768
1
1
1
Reserved
1
Clock register is valid (read-only)
0
Clock register is not valid (read-only)
Table 7-2. General Status Register Format
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
Clip indicator
0
0
0
0
1
1
Identification code for TAS5508B
Bits D6, D5, D2, D1, and D0 are don't care.
Table 7-3. System Control Register-1 Format
D7
D6
D5
D4
D3
D2
D1
D0
Function
0
PWM high pass disabled
1
PWM high pass enabled
0
Soft unmute on recovery from clock error
1
Hard unmute on recovery from clock error
1
PSVC Hi-Z enabled
0
PSVC Hi-Z disabled
Serial-Control Interface Register Definitions
74


Similar Part No. - TAS5508BPAGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5508BPAGR TI1-TAS5508BPAGR Datasheet
1Mb / 104P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5508BPAGRG4 TI1-TAS5508BPAGRG4 Datasheet
1Mb / 104P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
More results

Similar Description - TAS5508BPAGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5518C TI1-TAS5518C Datasheet
1Mb / 103P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5508PAGRG4 TI-TAS5508PAGRG4 Datasheet
1Mb / 105P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5028A TI-TAS5028A Datasheet
1Mb / 82P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508 TI-TAS5508 Datasheet
1Mb / 101P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5518 TI-TAS5518_06 Datasheet
1Mb / 103P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508A TI-TAS5508A Datasheet
1Mb / 99P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5028 TI-TAS5028 Datasheet
1Mb / 84P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508B TI1-TAS5508B_17 Datasheet
1Mb / 104P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5508C TI-TAS5508C Datasheet
1Mb / 107P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5518 TI-TAS5518 Datasheet
1Mb / 102P
[Old version datasheet]   TAS5518 8 Channel Digital Audio PWM Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com