Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2203 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2203
Description  High Efficiency 1MHz Synchronous Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2203 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2203 Datasheet HTML 5Page - Micrel Semiconductor MIC2203 Datasheet HTML 6Page - Micrel Semiconductor MIC2203 Datasheet HTML 7Page - Micrel Semiconductor MIC2203 Datasheet HTML 8Page - Micrel Semiconductor MIC2203 Datasheet HTML 9Page - Micrel Semiconductor MIC2203 Datasheet HTML 10Page - Micrel Semiconductor MIC2203 Datasheet HTML 11Page - Micrel Semiconductor MIC2203 Datasheet HTML 12Page - Micrel Semiconductor MIC2203 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Micrel, Inc.
MIC2203
Figure 1. Master-Slave Operation
December 2004
9
M9999-120604
(408) 955-1690


Similar Part No. - MIC2203

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2202 MICREL-MIC2202 Datasheet
182Kb / 18P
   HIGH EFFICIENCY 2MHZ SYNCHRONOUS BUCK CONVERTER 1UP STABLE PWM REGULATOR
MIC2202BML MICREL-MIC2202BML Datasheet
182Kb / 18P
   HIGH EFFICIENCY 2MHZ SYNCHRONOUS BUCK CONVERTER 1UP STABLE PWM REGULATOR
MIC2202BML MICREL-MIC2202BML Datasheet
571Kb / 19P
   High Efficiency 2MHz Synchronous Buck Converter 1關F Stable PWM Regulator
MIC2202BMM MICREL-MIC2202BMM Datasheet
182Kb / 18P
   HIGH EFFICIENCY 2MHZ SYNCHRONOUS BUCK CONVERTER 1UP STABLE PWM REGULATOR
MIC2202BMM MICREL-MIC2202BMM Datasheet
571Kb / 19P
   High Efficiency 2MHz Synchronous Buck Converter 1關F Stable PWM Regulator
More results

Similar Description - MIC2203

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8014IRZ-T INTERSIL-ISL8014IRZ-T Datasheet
1Mb / 16P
   Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC22700 MICREL-MIC22700_10 Datasheet
1Mb / 21P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705_13 Datasheet
1Mb / 29P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8036 INTERSIL-ISL8036 Datasheet
2Mb / 25P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC22705 MICREL-MIC22705_11 Datasheet
1Mb / 29P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705 Datasheet
1Mb / 28P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22700 MICREL-MIC22700 Datasheet
1Mb / 21P
   1MHz, 7A Integrated Switch High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8036 RENESAS-ISL8036 Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC22602 MICREL-MIC22602 Datasheet
855Kb / 24P
   1MHz, 6A Integrated Switch High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com