Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIC2203 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part No. MIC2203
Description  High Efficiency 1MHz Synchronous Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

MIC2203 Datasheet(HTML) 6 Page - Micrel Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Micrel, Inc.
MIC2203
Functional Description
VIN
V
IN
provides power to the output and to the internal
bias supply. The supply voltage range is from 2.3V
to 5.5V. A minimum 1
µF ceramic capacitor is
recommended for bypassing the input supply.
Enable
The enable pin provides a logic level control of the
output. In the off state, supply current of the device
is greatly reduced (typically <1
µA). Also, in the off
state, the output drive is placed in a “tri-stated”
condition, where both the high side P-Channel
MOSFET and the low-side N-Channel are in an off
or non-conducting state. Do not drive the enable pin
above the supply voltage.
SYNC_IN
SYNC_IN pin enables the ability to change the
fundamental switching frequency. The SYNC_IN
frequency has a minimum frequency of 800KHz and
a maximum sync frequency of 1.2MHz. Careful
attention should be paid to not driving the SYNC_IN
pin greater than the supply voltage. Although this will
not damage the device, it can cause improper
operation.
SYNC_OUT
SYNC_OUT is an open collector output that
provides a signal equal to the internal oscillator
frequency. This creates the ability for multiple
MIC2203s to be connected together in a master-
slave configuration for frequency matching of the
converters. A typical 10kΩ resistor is recommended
for the pull-up resistor.
Bias
The bias supply is an internal 2.3V linear regulator
that supplies the internal biasing voltage to the
MIC2203. A 10nF ceramic capacitor is required on
this pin for bypassing. Do not use the bias pin as a
supply. The bias pin was designed to supply internal
power only.
Feedback
The feedback pin provides the control path to control
the output. A resistor divider connecting the
feedback to the output is used to adjust the desired
output voltage. Refer to the feedback section in the
“Applications Information” for more detail.
December 2004
6
M9999-120604
(408) 955-1690


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn