Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR62-24USB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MR62-24USB
Description  DPDT Signal Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MR62-24USB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MR62-24USB Datasheet HTML 1Page - List of Unclassifed Manufacturers MR62-24USB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DPDT Signal Relay
MR62/47
Part Numbers
s
DIL package
s
BT type 47 approved
s
1500V FCC surge between coil and
contacts and adjacent contacts
s
Fully sealed for immersion cleaning
s
Bifurcated crossbar contacts for high
reliability
s
UL/CSA approved
Specifications
Dimensions mm (inch)
PCB Layout and Schematics
B.T.
Nominal Voltage (VDC)
Coil Resistance
Test Operate Current
Limit Circuit Current
Part Number
Type
Range 80% - 125%
(
Ω) ±10%
(mA)
(mA)
at 20°c
at 20°c
at 20°c
at 20°c
MR62-4.5USB
47/5
4.5
36
80
112
MR62-9USB
47/9
9
200
32.5
45.5
MR62-12USB
47/6
12
280
27
38
MR62-24USB
47/7
24
1,050
14
20
MR62-48USB
47/8
48
4,000
7
10
Contact form
2 Form C
Maximum switching power
60W
125 VA
Maximum switching voltage
220 VDC
250 VAC
Contact rating
Maximum switching current
2A
2A
Maximum carr ying current
3A
3A
Initial contact resistance
50m
Ω Max.
Contact material
Silver alloy with gold overlay
Nominal operating power
Approx. 550mW (at 25˚C, 77˚F)
Operate time (excluding bounce)
Approx. 3ms
Release time (excluding bounce)
Approx. 2ms
Insulation resistance
1,000 M
Ω at 500 VDC
Between open contacts
500 VAC (for 1 minute)
Breakdown voltage
Between adjacent contacts
1000 VAC (for 1 minute)
Between coil and contacts
1000 VAC (for 1 minute)
Coil temperature rise
40˚C (at nominal coil voltage)
Shock resistance – 1/2 sine 11mS – MIL 202E-213B
30 G (misoperating)
Vibration resistance – 10-500Hz Amp. 1.5mm – MIL 202E-204C
100 G (misoperating)
Between open contacts
Approx. 2pF
Electrostatic capacitance
Between adjacent contacts
Approx. 2pF
Between coil and contacts
Approx. 3pF
Ambient temperature
-40˚C to +70˚C
Mechanical
1 x 107 operations
Life expectancy
1 x 106 operations (at 24 VDC, 1A resistive)
Electrical
3 x 106 operations (at 24 VDC, 0.5A resistive)
Weight
Approx. 5 grams


Similar Part No. - MR62-24USB

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
MR6-187 GILWAY-MR6-187 Datasheet
154Kb / 2P
   MR3 Reflector Lamp Assemblies
MR6-188 GILWAY-MR6-188 Datasheet
154Kb / 2P
   MR3 Reflector Lamp Assemblies
MR6-288 GILWAY-MR6-288 Datasheet
154Kb / 2P
   MR3 Reflector Lamp Assemblies
logo
Vishay Siliconix
MR600 VISHAY-MR600 Datasheet
83Kb / 3P
   Wirewound Resistor, Ultra Precision, Epoxy Molded, Radial Lead
MR602 VISHAY-MR602 Datasheet
83Kb / 3P
   Wirewound Resistor, Ultra Precision, Epoxy Molded, Radial Lead
More results

Similar Description - MR62-24USB

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ8521 ZETTLER-AZ8521 Datasheet
75Kb / 4P
   DPDT SUBMINIATURE SIGNAL RELAY
logo
Teledyne Technologies I...
172 TELEDYNE-172 Datasheet
252Kb / 5P
   DPDT basic relay
712 TELEDYNE-712 Datasheet
310Kb / 6P
   DPDT basic relay
722 TELEDYNE-722 Datasheet
209Kb / 3P
   DPDT basic relay
logo
American Zettler, Inc.
AZ733 AZETTLER-AZ733 Datasheet
117Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
Teledyne Technologies I...
412H TELEDYNE-412H Datasheet
141Kb / 6P
   DPDT high-temperature relay
logo
Omron Electronics LLC
G6S2FTRDC5 OMRON-G6S2FTRDC5 Datasheet
749Kb / 12P
   Suface Mount DPDT Relay
logo
List of Unclassifed Man...
AZ733 ETC-AZ733 Datasheet
85Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ733 ZETTLER-AZ733 Datasheet
47Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
Teledyne Technologies I...
412K TELEDYNE-412K Datasheet
217Kb / 3P
   DPDT high-shock relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com