Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4AGBLP912 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MA4AGBLP912
Description  AlGaAs Beam Lead PIN Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4AGBLP912 Datasheet(HTML) 5 Page - Tyco Electronics

  MA4AGBLP912 Datasheet HTML 1Page - Tyco Electronics MA4AGBLP912 Datasheet HTML 2Page - Tyco Electronics MA4AGBLP912 Datasheet HTML 3Page - Tyco Electronics MA4AGBLP912 Datasheet HTML 4Page - Tyco Electronics MA4AGBLP912 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AlGaAs Beam Lead PIN Diode
MA4AGBLP912
V 1.00
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1908) 574 200, Fax+44 (1908) 574 300
5
Diode SPICE Values
MA4AGBPL912 SPICE Model
PinDiodeModel
Ffe= 1.0
Af=1.0
Imax= 0.04 A
Fc= 0.5
M= 0.5
Vj= 1.35 V
Cj0= 0.022 pF
Rs(I)= Rc + Rj(I) = 0.10 Ohm + Rj(I)
Tau= 10 nsec
Cjmin= 0.020 pF
Rr= 10 K Ohms
Wi= 3.0 um
µe-= 8600 cm^2/V-sec
Vi=0.0 V
Is=1.0E-14 A
wPmax= 100 mW
wBv= 50 V
Kf= 0.0


Similar Part No. - MA4AGBLP912

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4AGBLP912 MA-COM-MA4AGBLP912 Datasheet
90Kb / 4P
   AlGaAs Beamlead PIN Diode
MA4AGBLP912 MA-COM-MA4AGBLP912 Datasheet
96Kb / 4P
   AlGaAs Beamlead PIN Diode
MA4AGBLP912_V3 MA-COM-MA4AGBLP912_V3 Datasheet
96Kb / 4P
   AlGaAs Beamlead PIN Diode
More results

Similar Description - MA4AGBLP912

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HPND-4005 AVAGO-HPND-4005 Datasheet
127Kb / 4P
   Beam Lead PIN Diode
logo
Agilent(Hewlett-Packard...
HPND-4005 HP-HPND-4005 Datasheet
40Kb / 4P
   Beam Lead PIN Diode
logo
Broadcom Corporation.
HPND-4005 BOARDCOM-HPND-4005 Datasheet
127Kb / 4P
   Beam Lead PIN Diode
logo
M/A-COM Technology Solu...
MPND4005-X MA-COM-MPND4005-X Datasheet
502Kb / 3P
   Planar Beam Lead PIN Diode
logo
Skyworks Solutions Inc.
DSG9500-000 SKYWORKS-DSG9500-000 Datasheet
89Kb / 5P
   Planar Beam Lead PIN Diode
logo
Advanced Semiconductor
ASB8000 ASI-ASB8000 Datasheet
15Kb / 1P
   SILICON BEAM LEAD PIN DIODE
logo
Skyworks Solutions Inc.
DSM8100-000 SKYWORKS-DSM8100-000 Datasheet
68Kb / 5P
   Mesa Beam Lead PIN Diode
logo
M/A-COM Technology Solu...
MA4PBL027 MA-COM-MA4PBL027_15 Datasheet
176Kb / 4P
   HMIC Silicon Beam Lead PIN Diode
MA4AGBLP912_V3 MA-COM-MA4AGBLP912_V3 Datasheet
96Kb / 4P
   AlGaAs Beamlead PIN Diode
MA4AGBLP912 MA-COM-MA4AGBLP912 Datasheet
90Kb / 4P
   AlGaAs Beamlead PIN Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com