Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PME271YC5470MR30 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PME271YC5470MR30
Description  EMI suppressor, class Y2, metallized paper
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PME271YC5470MR30 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PME271YC5470MR30 Datasheet HTML 1Page - List of Unclassifed Manufacturers PME271YC5470MR30 Datasheet HTML 2Page - List of Unclassifed Manufacturers PME271YC5470MR30 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
166
PME271Y
ARTICLE TABLE
Quantity per package
Approvals
Capaci- Max dimensions
reel
Max
tance
in mm
R30
R06
taped
Weight
f
O
dU/dt
Article code
µ F
B
H
L
p
pcs
pcs
pcs
g
MHz
V/µs
0.0010
3.9
7.5
13.5 10.2
1000
2000
700
0.7
53
2000
√√√ √√ √√ √√
PME271Y410MR30
0.0015
3.9
7.5
13.5 10.2
1000
2000
700
0.7
44
2000
√√√ √√ √√ √√
PME271Y415MR30
0.0022
3.9
7.5
13.5 10.2
1000
2000
700
0.7
37
2000
√√√ √√ √√ √√
PME271Y422MR30
0.0033
4.1
8.2
13.5 10.2
1000
2000
600
0.9
30
2000
√√√ √√ √√ √√
PME271Y433MR30
0.0047
5.1
10.5
13.5 10.2
800
1600
600
1.2
24
2000
√√√ √√ √√ √√
PME271Y447MR30
0.0068
5.2
10.5
18.5 15.2
500
1000
600
1.7
19
1400
√√√ √√ √√ √√
PME271Y468MR30
0.010
5.2
10.5
18.5 15.2
500
1000
600
1.7
16
1400
√√√ √√ √√ √√
PME271Y510MR30
0.015
5.5
11.0
18.5 15.2
500
1000
500
2.0
13
1400
√√√ √√ √√ √√
PME271Y515MR30
0.022
7.3
13.0
19.0 15.2
400
800
400
3.0
9.8
1400
√√√ √√ √√ √√
PME271Y522MR30
0.033
7.6
14.0
24.0 20.3
250
1500
250
4.0
7.0
1000
√√√ √√ √√ √√
PME271Y533MR30
0.047
9.0
15.0
24.0 20.3
200
1200
250
5.0
6.0
1000
√√√ √√ √√ √√
PME271Y547MR30
0.068
11.3
16.5
24.0 20.3
150
1000
180
7.0
4.6
600
√√√ √√ √√ √√
PME271Y568MR30
0.10
12.1
19.0
30.5 25.4
100
800
10.0
3.9
400
√√√ √√ √√ √√
PME271Y610MR30
CLASS Y2 300 VAC + 115 °C PME271 Y
0.0010
3.9
7.5
13.5 10.2
1000
2000
700
0.7
53
2000
√√
√√
PME271YA4100MR30
0.0015
3.9
7.5
13.5 10.2
1000
2000
700
0.7
44
2000
√√
√√
PME271YA4150MR30
0.0022
3.9
7.5
13.5 10.2
1000
2000
700
0.7
37
2000
√√
√√
PME271YA4220MR30
0.0025
4.1
8.2
13.5 10.2
1000
2000
600
0.9
35
2000
√√
√√
PME271YA4250MR30
0.0033
4.1
8.2
13.5 10.2
1000
2000
600
0.9
30
2000
√√
√√
PME271YA4330MR30
0.0047
5.1
10.5
13.5 10.2
800
1600
600
1.2
24
2000
√√
√√
PME271YA4470MR30
0.0068
5.2
10.5
18.5 15.2
500
1000
600
1.7
19
1400
√√
√√
PME271YB4680MR30
0.010
5.2
10.5
18.5 15.2
500
1000
600
1.7
16
1400
√√
√√
PME271YB5100MR30
0.015
5.5
11.0
18.5 15.2
500
1000
500
2.0
13
1400
√√
√√
PME271YB5150MR30
0.022
7.3
13.0
18.5 15.2
400
800
400
3.0
9.8
1400
√√
√√
PME271YB5220MR30
0.033
7.6
14.0
24.0 20.3
250
1500
250
4.0
7.0
1000
√√
√√
PME271YC5330MR30
0.047
9.0
15.0
24.0 20.3
200
1200
250
5.0
6.0
1000
√√
√√
PME271YC5470MR30
0.068
11.3
16.5
24.0 20.3
150
1000
180
7.0
4.6
1000
√√
√√
PME271YC5680MR30
0.033
8.0
17.0
27.0 22.5
200
1200
250
5.5
6.8
600
√√
√√
PME271YD5330MR30
0.047
8.0
17.0
27.0 22.5
200
1200
250
5.5
5.8
600
√√
√√
PME271YD5470MR30
0.068
10.0
19.0
27.0 22.5
150
1000
200
7.5
4.8
600
√√
√√
PME271YD5680MR30
0.10
12.0
22.0
27.0 22.5
100
800
10.0
3.8
600
√√
√√
PME271YD6100MR30
0.10
12.1
19.0
30.5 25.4
100
800
10.0
3.9
400
√√
√√
PME271YE6100MR30
0.15
15.3
22.0
30.5 25.4
75
600
15.0
3.1
400
√√
√√
PME271YE6150KR30
CLASS Y2 250 VAC +100 °C PME271 Y


Similar Part No. - PME271YC5470MR30

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PME271YC5470MR30 KEMET-PME271YC5470MR30 Datasheet
54Kb / 1P
   Capacitor, film, 0.047 uF, /-20% Tol, -40/115C, Safety: Y2, 300 VAC, Lead Spacing=20.3 mm
PME271YC5470MR30 KEMET-PME271YC5470MR30 Datasheet
168Kb / 2P
   EMI suppressor, class Y2, metallized paper
More results

Similar Description - PME271YC5470MR30

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PME271Y KEMET-PME271Y Datasheet
168Kb / 2P
   EMI suppressor, class Y2, metallized paper
logo
List of Unclassifed Man...
SMP253 ETC-SMP253 Datasheet
47Kb / 2P
   EMI suppressor, class Y2, metallized paper SMD
logo
Kemet Corporation
PHE850 KEMET-PHE850 Datasheet
199Kb / 2P
   EMI suppressor, class Y2, metallized polypropylene
logo
List of Unclassifed Man...
PME264 ETC1-PME264 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
PME278 ETC-PME278 Datasheet
47Kb / 2P
   EMI suppressor, class X1, metallized paper
PME294 ETC-PME294 Datasheet
48Kb / 2P
   EMI suppressor, class Y1, metallized paper
PME290 ETC-PME290 Datasheet
49Kb / 2P
   EMI suppressor, classes X1 and Y2, metallized paper
PME285 ETC2-PME285 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
logo
Kemet Corporation
PME271E510M KEMET-PME271E510M Datasheet
163Kb / 2P
   EMI suppressor, class X1, metallized paper
logo
List of Unclassifed Man...
PZB300 ETC1-PZB300 Datasheet
52Kb / 2P
   Delta EMI suppressor, classes X2 and Y2, metallized paper
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com