Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37151MC-XXXFP Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # M37151MC-XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151MC-XXXFP Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button M37151MC-XXXFP Datasheet HTML 71Page - Renesas Technology Corp M37151MC-XXXFP Datasheet HTML 72Page - Renesas Technology Corp M37151MC-XXXFP Datasheet HTML 73Page - Renesas Technology Corp M37151MC-XXXFP Datasheet HTML 74Page - Renesas Technology Corp M37151MC-XXXFP Datasheet HTML 75Page - Renesas Technology Corp M37151MC-XXXFP Datasheet HTML 76Page - Renesas Technology Corp M37151MC-XXXFP Datasheet HTML 77Page - Renesas Technology Corp M37151MC-XXXFP Datasheet HTML 78Page - Renesas Technology Corp M37151MC-XXXFP Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
MITSUBISHI MICROCOMPUTERS
74
Rev. 1.0
Notes 1 : The 80-byte addresses corresponding to the character code “7F16
and “8016” in the OSD ROM are the test data storing area. Set data
to the area as follows.
<Test data storing area>
addresses 1100016 + (4 + 2n) ✕ 10016 + FE16 to
1100016 + (5 + 2n) ✕ 10016 + 0116
(n = 0 to 19)
(1)Mask version (M37151M6/M8/MA/MC/MF-XXXFP)
Set “FF16” to the area (This sample has test data in this area but the actual
product will have different data.) When using our font editor, the test data is
written automatically.
(2)EPROM version (M37151EFFP)
Set the test data to the area. When using our font editor, the test data
is written automatically.
1150016 (9016), 1150116 (A116)
1170016 (0016), 1170116 (A216)
1190016 (4816), 1190116 (A316)
11B0016 (0016), 11B0116 (A416)
11D0016 (2416), 11D0116 (A516)
11F0016 (0016), 11F0116 (A616)
1210016 (1216), 1210116 (A716)
1230016 (0016), 1230116 (A816)
1250016 (0916), 1250116 (A916)
1270016 (0016), 1270116 (AA16)
1290016 (8116), 1290116 (AB16)
12B0016 (1816), 12B0116 (AC16)
12D0016 (0016), 12D0116 (AD16)
12F0016 (4216), 12F0116 (AE16)
1310016 (2416), 1310116 (AF16)
1330016 (0016), 1330116 (B016)
1350016 (8116), 1350116 (B116)
1370016 (0C16), 1370116 (B216)
1390016 (0616), 1390116 (B316)
13B0016 (0016), 13B0116 (B416)
2 : The character code “0916” is used for “transparent space” when
displaying Closed Caption.
Therefore, set “0016” to the 40-byte addresses corresponding to the
character code “0916.”
<Transparent space font data storing area>
addresses 1100016 + (4 + 2n) ✕ 10016 + 1216 to
1100016 + (4 + 2n) ✕ 10016 + 1316
(n = 0 to 19)
addresses 1141216 and 1141316
addresses 1161216 and 1161316
addresses 1381216 and 1381316
addresses 13A1216 and 13A1316
114FE16 (0916), 114FF16 (5116)
116FE16 (0016), 116FF16 (5216)
118FE16 (1216), 118FF16 (5316)
11AFE16 (0016), 11AFF16 (5416)
11CFE16 (2416), 11CFF16 (5516)
11EFE16 (0016), 11EFF16 (5616)
120FE16 (8816), 120FF16 (5716)
122FE16 (0016), 122FF16 (5816)
124FE16 (9016), 124FF16 (5916)
126FE16 (4816), 126FF16 (5A16)
128FE16 (2416), 128FF16 (5B16)
12AFE16 (0016), 12AFF16 (5C16)
12CFE16 (2416), 12CFF16 (5D16)
12EFE16 (4816), 12EFF16 (5E16)
130FE16 (0016), 130FF16 (5F16)
132FE16 (4816), 132FF16 (5016)
134FE16 (9016), 134FF16 (5116)
136FE16 (0016), 136FF16 (5216)
138FE16 (0116), 138FF16 (5316)
13AFE16 (8016), 13AFF16 (5416)
<“7F16”> address (test data)
sM37151EFFP
<“8016”> address (test data)


Similar Part No. - M37151MC-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151MC RENESAS-M37151MC Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37151MC-XXXFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37274EFSP MITSUBISHI-M37274EFSP Datasheet
1Mb / 147P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6_15 Datasheet
1Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37266ME-XXXSP MITSUBISHI-M37266ME-XXXSP Datasheet
5Mb / 79P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37273MFH RENESAS-M37273MFH Datasheet
1Mb / 130P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37270MF MITSUBISHI-M37270MF Datasheet
1Mb / 94P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37274MA MITSUBISHI-M37274MA Datasheet
2Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6 Datasheet
1Mb / 129P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37281EKSP RENESAS-M37281EKSP Datasheet
1Mb / 172P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37273M8 MITSUBISHI-M37273M8 Datasheet
1Mb / 138P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com