Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37151MA-XXXFP Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # M37151MA-XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151MA-XXXFP Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button M37151MA-XXXFP Datasheet HTML 52Page - Renesas Technology Corp M37151MA-XXXFP Datasheet HTML 53Page - Renesas Technology Corp M37151MA-XXXFP Datasheet HTML 54Page - Renesas Technology Corp M37151MA-XXXFP Datasheet HTML 55Page - Renesas Technology Corp M37151MA-XXXFP Datasheet HTML 56Page - Renesas Technology Corp M37151MA-XXXFP Datasheet HTML 57Page - Renesas Technology Corp M37151MA-XXXFP Datasheet HTML 58Page - Renesas Technology Corp M37151MA-XXXFP Datasheet HTML 59Page - Renesas Technology Corp M37151MA-XXXFP Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
MITSUBISHI MICROCOMPUTERS
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
55
Rev. 1.0
Fig. 8.10.9 Caption Position Register
Field and Line to Generate Slice Voltage
• Field specified by bit 1 of DSC1
• Line 21 (total 1 line)
• Field specified by bit 1 of DSC1
• A line specified by bits 4 to 0 of CPS
(total 1 line) (See note 3)
• Field specified by bit 1 of DSC1
• Line 21 (total 1 line)
• Field specified by bit 1 of DSC1
• Line 21 and a line specified by bits 4 to 0 of CPS
(total 2 lines) (See note 2)
Field and Line to Be Sliced Data
• Both fields of F1 and F2
• Line 21 and a line specified by bits 4 to 0 of CPS
(total 2 lines) (See note 2)
• Both fields of F1 and F2
• A line specified by bits 4 to 0 of CPS
(total 1 line) (See note 3)
• Both fields of F1 and F2
• Line 21 (total 1 line)
• Both fields of F1 and F2
• Line 21 and a line specified by bits 4 to 0 of CPS
(total 2 lines) (See note 2)
CPS
b7
0
0
1
1
b6
0
1
0
1
Notes 1: DSC1 is data slicer control register 1.
CPS is caption position register.
2: Set “0016” to “1016” to bits 4 to 0 of CPS.
3: Set “0016” to “1F16” to bits 4 to 0 of CPS.
Table 8.10.1 Specification of Data Slice Line
b7 b6 b5 b4 b3 b2 b1 b0
Caption Position Register (CPS) [Address 00E616]
Caption Position Register
0
to
4
0
R W
0
R W
Caption position
bits(CPS0 to CPS4)
6, 7
Refer to the corresponding
Table (Table 8.10.1).
Slice line mode
specification bits
(in 1 field) (CPS6, CPS7)
5
0: Data is not latched yet and a
clock-run-in is not determined.
1: Data is latched and a
clock-run-in is determined.
Caption data latch
completion flag 2
(CPS5)
Indeterminate R —
After reset
Functions
Na
B
me
R W


Similar Part No. - M37151MA-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151MA RENESAS-M37151MA Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37151MA-XXXFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37274EFSP MITSUBISHI-M37274EFSP Datasheet
1Mb / 147P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6_15 Datasheet
1Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37266ME-XXXSP MITSUBISHI-M37266ME-XXXSP Datasheet
5Mb / 79P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37273MFH RENESAS-M37273MFH Datasheet
1Mb / 130P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37270MF MITSUBISHI-M37270MF Datasheet
1Mb / 94P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37274MA MITSUBISHI-M37274MA Datasheet
2Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6 Datasheet
1Mb / 129P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37281EKSP RENESAS-M37281EKSP Datasheet
1Mb / 172P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37273M8 MITSUBISHI-M37273M8 Datasheet
1Mb / 138P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com