Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M37151 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part No. M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 96Page - Renesas Technology Corp M37151 Datasheet HTML 97Page - Renesas Technology Corp M37151 Datasheet HTML 98Page - Renesas Technology Corp M37151 Datasheet HTML 99Page - Renesas Technology Corp M37151 Datasheet HTML 100Page - Renesas Technology Corp M37151 Datasheet HTML 101Page - Renesas Technology Corp M37151 Datasheet HTML 102Page - Renesas Technology Corp M37151 Datasheet HTML 103Page - Renesas Technology Corp M37151 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
MITSUBISHI MICROCOMPUTERS
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
99
Rev. 1.0
Symbol
Parametear
Conditions
Ratings
Unit
VCC
Power source voltage VCC
–0.3 to 6
V
VI
Input voltage
CNVSS
–0.3 to 6
V
VI
Input voltage
P00–P07, P10–P16, P20–P27,
–0.3–VCC + 0.3
V
______
P30, P31, P50, P51, RESET, CVIN
VO
Output voltage P06, P07, P10–P16, P20–P27,
–0.3–VCC + 0.3
V
P30, P31, P52–P55
IOH
Circuit current
P10–P16, P20–P27, P30, P31,
0 to 1 (See note 1)
mA
P52–P55,
IOL1
Circuit current
P00–P07, P10–P15, P16, P20–P23
0 to 2 (See note 2)
mA
P52–P55,
IOL2
Circuit current
P11–P14, P30, P31
0 to 6 (See note 2)
mA
IOL4
Circuit current
P24–P27
0 to 10 (See note 3)
mA
Pd
Power dissipation
550
mW
Topr
Operating temperature
–10 to 70
°C
Tstg
Storage temperature
–40 to 125
°C
VCC
Power source voltage (See note 4)
4.5
5.0
5.5
V
VSS
Power source voltage
0
0
0
V
VIH1
HIGH Input voltage
P00–P07, P10–P16, P20–P27, P30, P31, P50, P51,
0.8VCC
VCC
V
______
RESET
VIH2
HIGH Input voltage
SCL1, SCL2, SCL3, SDA1, SDA2 , SDA3
0.7VCC
VCC
V
(When using I2C-BUS)
VIL1
LOW Input voltage
P00–P07, P10–P16, P20–P27, P30, P31
0
0.4VCC
V
VIL2
LOW Input voltage
SCL1, SCL2, SCL3, SDA1, SDA2, SDA3
0
0.3VCC
V
(When using I2C-BUS)
VIL3
LOW Input voltage (See note 6)
______
P50, P51,RESET, TIM2, TIM3, INT1,
0
0.2VCC
V
INT2, INT3, SIN, SCLK
IOH
HIGH average output current (See note1)
P10–P16, P20–P27, P30, P31, P52–P551
mA
IOL1
HIGH average output current (See note2)
P00–P07, P10, P15, P16, P20–P23, P52–P55
2mA
IOL2
LOW average output current (See note 2)
P11–P14, P30, P31
6mA
IOL3
LOW average output current (See note 3)
P24–P27
10
mA
f(XIN)
Oscillation frequency (for CPU operation)
XIN
7.9
8.0
8.1
MHz
(See note 5)
f(XCIN)
Oscillation frequency (for sub-clock operation) XCIN
29
32
35
kHz
fhs1
Input frequency
TIM2, TIM3, INT1, INT2, INT3
100
kHz
fhs2
Input frequency
SCLK
1
MHz
fhs3
Input frequency
SCL1, SCL2
447.5
kHz
fhs4
Input frequency
Horizontal sync. signal of video signal
15.262
15.734
16.206
kHz
VI
Input amplitude video signal
CVIN
1.5
2.0
2.5
V
10. ABSOLUTE MAXIMUM RATINGS
Limits
Symbol
Parametear
11. RECOMMENDED OPERATING CONDITIONS (Ta = –10 °C to 70 °C, VCC = 5 V ± 10 %, unless otherwise noted)
Unit
All voltages are based
on VSS.
Output transistors are
cut off.
Ta = 25 °C
Min.
Typ.
Max.


Similar Part No. - M37151

ManufacturerPart No.DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
M37151EFFP RENESAS-M37151EFFP Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37151M6 RENESAS-M37151M6 Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37151M6 RENESAS-M37151M6_02 Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37151M8 RENESAS-M37151M8 Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37151MA RENESAS-M37151MA Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37151

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M37274EFSP MITSUBISHI-M37274EFSP Datasheet
1Mb / 147P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
Renesas Technology Corp
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6_15 Datasheet
1Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M37270MF MITSUBISHI-M37270MF Datasheet
1Mb / 94P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37274MA MITSUBISHI-M37274MA Datasheet
2Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
Renesas Technology Corp
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6 Datasheet
1Mb / 129P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37281EKSP RENESAS-M37281EKSP Datasheet
1Mb / 172P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M37266ME-XXXSP MITSUBISHI-M37266ME-XXXSP Datasheet
5Mb / 79P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Renesas Technology Corp
Renesas Technology Corp
M37273MFH RENESAS-M37273MFH Datasheet
1Mb / 130P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M37271MF-XXXSP MITSUBISHI-M37271MF-XXXSP Datasheet
1Mb / 97P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz