Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M37151 Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 46Page - Renesas Technology Corp M37151 Datasheet HTML 47Page - Renesas Technology Corp M37151 Datasheet HTML 48Page - Renesas Technology Corp M37151 Datasheet HTML 49Page - Renesas Technology Corp M37151 Datasheet HTML 50Page - Renesas Technology Corp M37151 Datasheet HTML 51Page - Renesas Technology Corp M37151 Datasheet HTML 52Page - Renesas Technology Corp M37151 Datasheet HTML 53Page - Renesas Technology Corp M37151 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
MITSUBISHI MICROCOMPUTERS
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
49
Rev. 1.0
8.10 DATA SLICER
This microcomputer includes the data slicer function for the closed
caption decoder (referred to as the CCD). This function takes out the
caption data superimposed in the vertical blanking interval of a com-
posite video signal. A composite video signal, which makes the sync
chip’s polarity negative, is input to the CVIN pin.
When the data slicer function is not used, the data slicer circuit and
the timing signal generating circuit can be cut off by setting bit 0 of
data slicer control register 1 (address 00E016) to “0.” These settings
support low-power dissipation.
Fig. 8.10.1 Data Slicer Block Diagram
Composite
video
signal
1 M
Sync pulse counter
register
(address 00E916)
Data slicer control register 2
(address 00E116)
Data slicer control register 1
(address 00E016)
Clock run-in defect register
(address 00E416)
Caption position register
(address 00E616)
Data clock position register
(address 00E516)
Interrupt request
generating circuit
Data slicer
interrupt
request
Synchronizing
signal counter
Synchronizing
separation
circuit
Sync slice
circuit
Clamping
circuit
Low-pass
filter
Timing signal
generating
circuit
Clock run-in
determination
circuit
Data slice line
specification
circuit
Start bit detecting
circuit
Data clock
generating circuit
16-bit shift register
Caption data register 1
(address 00E216)
Caption data register 2
(address 00E316)
Data bus
Comparator
0.1
µF
470
560 pF
CVIN
1
µF
1 k
200 pF
HSYNC
HLF
+
Reference
voltage
generating
circuit
VHOLD
1000 pF
high-order
low-order
Data slicer ON/OFF
Caption data register 4
(address 00CF16)
Caption data register 3
(address 00CE16)
External circuit
Note : Make the length of wiring which is
connected to VHOLD, HLF, and CVIN pin as
short as possible so that a leakage current
may not be generated when mounting a
resistor or a capacitor on each pin.


Similar Part No. - M37151

ManufacturerPart #DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
M37151EFFP RENESAS-M37151EFFP Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37151M6 RENESAS-M37151M6 Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37151M6 RENESAS-M37151M6_02 Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37151M8 RENESAS-M37151M8 Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37151MA RENESAS-M37151MA Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37151

ManufacturerPart #DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M37274EFSP MITSUBISHI-M37274EFSP Datasheet
1Mb / 147P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
Renesas Technology Corp
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6_15 Datasheet
1Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M37270MF MITSUBISHI-M37270MF Datasheet
1Mb / 94P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37274MA MITSUBISHI-M37274MA Datasheet
2Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
Renesas Technology Corp
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6 Datasheet
1Mb / 129P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37281EKSP RENESAS-M37281EKSP Datasheet
1Mb / 172P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M37266ME-XXXSP MITSUBISHI-M37266ME-XXXSP Datasheet
5Mb / 79P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Renesas Technology Corp
Renesas Technology Corp
M37273MFH RENESAS-M37273MFH Datasheet
1Mb / 130P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M37271MF-XXXSP MITSUBISHI-M37271MF-XXXSP Datasheet
1Mb / 97P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com