Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

IRLR110A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. IRLR110A
Description  Advanced Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

IRLR110A Datasheet(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRLR/U110A
-75
-50
-25
0
25
50
75
100
125
150
175
0.8
0.9
1.0
1.1
1.2
@ Notes :
1. V
GS
= 0 V
2. I
D
= 250
µA
T
J
, Junction Temperature [
oC]
25
50
75
100125150
0
1
2
3
4
5
T
c
, Case Temperature [
oC]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-1
10
0
10
1
single pulse
0.2
0.1
0.01
0.02
0.05
D=0.5
@ Notes :
1. Z
θ JC
(t)=5.6
o C/W Max.
2. Duty Factor, D=t
1
/t
2
3. T
JM
-T
C
=P
DM
*Z
θ JC
(t)
t
1
, Square Wave Pulse Duration
[sec]
-75-50-25
0
25
50
75
100125150175
0.0
0.5
1.0
1.5
2.0
2.5
@ Notes :
1. V
GS
= 5 V
2. I
D
= 2.8 A
T
J
, Junction Temperature [
oC]
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
DC
100
µs
1 ms
10 ms
@ Notes :
1. T
C
= 25
oC
2. T
J
= 150
oC
3. Single Pulse
Operation in This Area
is Limited by R
DS(on)
V
DS
, Drain-Source Voltage [V]
4
1&+$11(/
32:(5 026)(7
Fig 7. Breakdown Voltage vs. Temperature
Fig 8. On-Resistance vs. Temperature
Fig 11. Thermal Response
Fig 10. Max. Drain Current vs. Case Temperature
Fig 9. Max. Safe Operating Area
P
DM
t
1
t
2


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRLR130AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRFR310AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRFW644AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SFR9220Advanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRLR230AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SFR2955Advanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SSI2N80AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
NTD4815NHPower MOSFET 30 V 35 A Single N-Channel DPAK/IPAK 1 2 3 4 5 MoreON Semiconductor
NTGD3133PPower MOSFET −20 V −2.5 A P−Channel TSOP−6 Dual 1 2 3 4 5 ON Semiconductor
IRFP150VPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn