Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L934SED Datasheet(PDF) 2 Page - Kingbright Corporation

Part # L934SED
Description  T-1 (3mm) SOLID STATE LAMPS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L934SED Datasheet(HTML) 2 Page - Kingbright Corporation

  L934SED Datasheet HTML 1Page - Kingbright Corporation L934SED Datasheet HTML 2Page - Kingbright Corporation L934SED Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPEC NO: CDA0753
REV NO: V.1
DATE: NOV/12/2001
PAGE: 2 OF 3
APPROVED: J.LU
CHECKED:
DRAWN: S.H.CHEN
Selection Guide
Electrical / Optical Characteristics at T)=25°°°°°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
Absolute Maximum Ratings at T)=25°°°°°C
Note:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sr
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pe
c
i
v
e
De
c
i
v
e
D
e
c
i
v
e
D
e
c
i
v
e
De
c
i
v
e
D.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T.
x
a
M.
x
a
M .
x
a
M .
x
a
M.
x
a
Ms
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
Us
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
λ
k
a
e
p
h
t
g
n
e
l
e
v
a
W
k
a
e
Pe
g
n
a
r
O
t
h
g
ir
B
r
e
p
u
S0
1
6m
nA
m
0
2
=
F
I
λ D
h
t
g
n
e
l
e
v
a
W
e
t
a
n
i
m
o
De
g
n
a
r
O
t
h
g
ir
B
r
e
p
u
S1
0
6m
nA
m
0
2
=
F
I
λ
2
/
1
h
t
d
i
w
fl
a
H
e
n
i
L
l
a
rt
c
e
p
Se
g
n
a
r
O
t
h
g
ir
B
r
e
p
u
S9
2m
nA
m
0
2
=
F
I
Ce
c
n
a
ti
c
a
p
a
Ce
g
n
a
r
O
t
h
g
ir
B
r
e
p
u
S0
3F
pz
H
M
1
=
f;
V
0
=
F
V
VF
e
g
a
tl
o
V
d
r
a
w
r
o
Fe
g
n
a
r
O
t
h
g
ir
B
r
e
p
u
S0
.
25
.
2V
A
m
0
2
=
F
I
IR
t
n
e
r
r
u
C
e
s
r
e
v
e
Re
g
n
a
r
O
t
h
g
ir
B
r
e
p
u
S0
1A
uV
5
=
R
V
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
e
g
n
a
r
O
t
h
g
ir
B
r
e
p
u
Se
g
n
a
r
O
t
h
g
ir
B
r
e
p
u
S
e
g
n
a
r
O
t
h
g
ir
B
r
e
p
u
S
e
g
n
a
r
O
t
h
g
ir
B
r
e
p
u
Se
g
n
a
r
O
t
h
g
ir
B
r
e
p
u
Ss
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P
5
7W
m
t
n
e
rr
u
C
d
r
a
w
r
o
F
C
D
0
3A
m
]
1
[
t
n
e
rr
u
C
d
r
a
w
r
o
F
k
a
e
P
5
9
1A
m
e
g
a
tl
o
V
e
s
r
e
v
e
R
5V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
it
a
r
e
p
O
0
4
- °
5
8
+
o
T
C
°C
]
2
[
e
r
u
t
a
r
e
p
m
e
T
r
e
d
l
o
S
d
a
e
L
0
6
2 °
s
d
n
o
c
e
S
5
r
o
F
C
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
Pe
c
i
De
c
i
D e
c
i
D e
c
i
De
c
i
De
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
e
p
y
T
s
n
e
L
e
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
)
d
c
m
(
v
I)
d
c
m
(
v
I
)
d
c
m
(
v
I
)
d
c
m
(
v
I)
d
c
m
(
v
I
A
m
0
2
@
g
n
i
w
e
i
Vg
n
i
w
e
i
V
g
n
i
w
e
i
V
g
n
i
w
e
i
Vg
n
i
w
e
i
V
e
l
g
n
A
.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
M.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T
2
/
1
θ
22
/
1
θ
2 2
/
1
θ
2 2
/
1
θ
22
/
1
θ
2
C
E
S
4
3
9
L
)
P
l
A
a
G
n
I(
E
G
N
A
R
O
T
H
G
I
R
B
R
E
P
U
S
R
A
E
L
C
R
E
T
A
W0
0
50
0
3
0
5
T
E
S
4
3
9
L
T
N
E
R
A
P
S
N
A
R
T
E
G
N
A
R
O0
0
50
0
3
0
5
D
E
S
4
3
9
L
D
E
S
U
F
F
I
D
E
G
N
A
R
O0
0
30
0
0
6


Similar Part No. - L934SED

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L934SGC KINGBRIGHT-L934SGC Datasheet
109Kb / 4P
   T-1(3MM) SUPER BRIGHT LED LAMPS
L934SGD KINGBRIGHT-L934SGD Datasheet
109Kb / 4P
   T-1(3MM) SUPER BRIGHT LED LAMPS
L934SRC KINGBRIGHT-L934SRC Datasheet
109Kb / 4P
   T-1(3MM) SUPER BRIGHT LED LAMPS
L934SRC/D KINGBRIGHT-L934SRC/D Datasheet
109Kb / 4P
   T-1(3MM) SUPER BRIGHT LED LAMPS
L934SRC/E KINGBRIGHT-L934SRC/E Datasheet
109Kb / 4P
   T-1(3MM) SUPER BRIGHT LED LAMPS
More results

Similar Description - L934SED

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-K600 QT-HLMP-K600 Datasheet
244Kb / 3P
   T-1 (3mm) SOLID STATE LAMPS
logo
Lite-On Technology Corp...
LTL-16 LITEON-LTL-16 Datasheet
282Kb / 1P
   T-1(3mm) SOLID STATE LAMPS
logo
Kingbright Corporation
L1154ID KINGBRIGHT-L1154ID Datasheet
165Kb / 5P
   T-1(3mm) SOLID STATE LAMPS
L7104GD KINGBRIGHT-L7104GD Datasheet
187Kb / 6P
   T-1 (3mm)SOLID STATE LAMPS
L934HD KINGBRIGHT-L934HD Datasheet
210Kb / 7P
   T-1 (3mm)SOLID STATE LAMPS
L132XID KINGBRIGHT-L132XID Datasheet
162Kb / 5P
   T-1 3MM SOLID STATE LAMPS
L-1154G KINGBRIGHT-L-1154G Datasheet
173Kb / 5P
   T-1 (3mm) SOLID STATE LAMPS
logo
Lite-On Technology Corp...
LTL-4201 LITEON-LTL-4201 Datasheet
625Kb / 6P
   T-1 (3mm) Solid State LED Lamps
logo
Visual Communications C...
4303F VCC-4303F Datasheet
73Kb / 1P
   Solid State LED Lamps-Super Brite T-1 (3mm)
logo
Lite-On Technology Corp...
LTL-4203 LITEON-LTL-4203 Datasheet
638Kb / 6P
   T-1 3/4 (3mm) Solid State LED Lamps
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com