Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGT28N120B Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXGT28N120B
Description  High Voltage IGBT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGT28N120B Datasheet(HTML) 3 Page - IXYS Corporation

  IXGT28N120B Datasheet HTML 1Page - IXYS Corporation IXGT28N120B Datasheet HTML 2Page - IXYS Corporation IXGT28N120B Datasheet HTML 3Page - IXYS Corporation IXGT28N120B Datasheet HTML 4Page - IXYS Corporation IXGT28N120B Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2004 IXYS All rights reserved
IXGH 28N120B
IXGT 28N120B
Fig. 2. Extended Output Characteristics
@ 25
ºC
0
30
60
90
120
150
180
210
240
0
2
4
6
8
10 1214 1618 20
VC E - Volts
VGE = 17V
7V
9V
11V
13V
15V
Fig. 3. Output Characteristics
@ 125 ºC
0
7
14
21
28
35
42
49
56
11.522.533.5
4
4.5
5
VCE - Volts
VGE = 15V
13V
11V
7V
5V
9V
Fig. 1. Output Characteristics
@ 25
ºC
0
7
14
21
28
35
42
49
56
11.522.533.5
4
4.5
5
VC E - Volts
VGE = 15V
13V
11V
5V
7V
9V
Fig. 4. Dependence of VCE(sat) on
Tem perature
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
IC = 28A
IC = 14A
VGE = 15V
IC = 56A
Fig. 5. Collector-to-Em itter Voltage
vs. Gate-to-Em itter voltage
2
3
4
5
6
7
8
6
7
8
9
10
11
12
13
14
15
16
17
VG E - Volts
TJ = 25ºC
IC = 56A
28A
14A
Fig. 6. Input Adm ittance
0
10
20
30
40
50
60
70
80
90
100
45
678
9
10
VG E - Volts
TJ = 125ºC
25
ºC
-40
ºC


Similar Part No. - IXGT28N120B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGT28N120BD1 IXYS-IXGT28N120BD1 Datasheet
203Kb / 6P
   High Voltage IGBT w/ Diode
More results

Similar Description - IXGT28N120B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH10N170A IXYS-IXGH10N170A Datasheet
571Kb / 5P
   High Voltage IGBT
IXDA20N120AS IXYS-IXDA20N120AS_11 Datasheet
242Kb / 4P
   High Voltage IGBT
IXGH16N170A IXYS-IXGH16N170A_05 Datasheet
176Kb / 6P
   High Voltage IGBT
IXST15N120B IXYS-IXST15N120B Datasheet
58Kb / 2P
   HIGH Voltage IGBT
IXGH24N170 IXYS-IXGH24N170 Datasheet
99Kb / 2P
   High Voltage IGBT
IXGP28N120B IXYS-IXGP28N120B Datasheet
570Kb / 5P
   High Voltage IGBT
logo
Inchange Semiconductor ...
IXGN100N170 ISC-IXGN100N170 Datasheet
562Kb / 3P
   High Voltage IGBT
logo
IXYS Corporation
IXGH32N170 IXYS-IXGH32N170 Datasheet
588Kb / 5P
   High Voltage IGBT
IXGT6N170AHV IXYS-IXGT6N170AHV Datasheet
205Kb / 5P
   High Voltage IGBT
IXGY2N120 IXYS-IXGY2N120 Datasheet
134Kb / 4P
   High Voltage IGBT
IXGH32N170A IXYS-IXGH32N170A Datasheet
578Kb / 5P
   High Voltage IGBT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com