Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGH28N120B Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGH28N120B
Description  High Voltage IGBT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH28N120B Datasheet(HTML) 1 Page - IXYS Corporation

  IXGH28N120B Datasheet HTML 1Page - IXYS Corporation IXGH28N120B Datasheet HTML 2Page - IXYS Corporation IXGH28N120B Datasheet HTML 3Page - IXYS Corporation IXGH28N120B Datasheet HTML 4Page - IXYS Corporation IXGH28N120B Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2004 IXYS All rights reserved
High Voltage IGBT
V
CES
= 1200 V
I
C25
=
50 A
V
CE(sat)
=
3.5 V
t
fi(typ)
=
160 ns
IXGH 28N120B
IXGT 28N120B
C (TAB)
G = Gate,
C = Collector,
E = Emitter,
TAB = Collector
G
C
E
TO-247 AD
(IXGH)
Features
High Voltage IGBT for resonant
power supplies
- Induction heating
- Rice cookers
International standard packages
JEDEC TO-268 and
JEDEC TO-247 AD
Low switching losses, low V
(sat)
MOS Gate turn-on
- drive simplicity
Advantages
High power density
Suitable for surface mounting
Easy to mount with 1 screw,
(isolated mounting screw hole)
DS98987E(04/04)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
BV
CES
I
C
= 250
µA , V
GE = 0 V
1200
V
V
GE(th)
I
C
= 250
µA, V
CE = VGE
2.5
5
V
I
CES
V
CE = VCES, VGE= 0 V
T
J =
25
°C25
µA
I
GES
V
CE = 0 V, VGE = ±20 V
±100
nA
V
CE(sat)
I
C
= 28A, V
GE = 15 V
2.8
3.5
V
T
J = 125°C
2.75
V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J = 25°C to 150°C
1200
V
V
CGR
T
J = 25°C to 150°C; RGE = 1 MΩ
1200
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C50
A
I
C110
T
C = 110°C28
A
I
CM
T
C = 25°C, 1 ms
150
A
SSOA
V
GE = 15 V, TVJ = 125°C, RG = 5 Ω
I
CM = 120
A
(RBSOA)
Clamped inductive load
@ 0.8 V
CES
P
C
T
C = 25°C
250
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
Maximum Lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
Maximum Tab temperature for soldering SMD devices for 10 s
260
°C
M
d
Mounting torque (M3)
(TO-247)
1.13/10Nm/lb.in.
Weight
TO-247 AD
6
g
TO-268
4
g
TO-268 (IXGT)
G
E
C (TAB)


Similar Part No. - IXGH28N120B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH28N120BD1 IXYS-IXGH28N120BD1 Datasheet
203Kb / 6P
   High Voltage IGBT w/ Diode
More results

Similar Description - IXGH28N120B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH10N170A IXYS-IXGH10N170A Datasheet
571Kb / 5P
   High Voltage IGBT
IXDA20N120AS IXYS-IXDA20N120AS_11 Datasheet
242Kb / 4P
   High Voltage IGBT
IXGH16N170A IXYS-IXGH16N170A_05 Datasheet
176Kb / 6P
   High Voltage IGBT
IXST15N120B IXYS-IXST15N120B Datasheet
58Kb / 2P
   HIGH Voltage IGBT
IXGH24N170 IXYS-IXGH24N170 Datasheet
99Kb / 2P
   High Voltage IGBT
IXGP28N120B IXYS-IXGP28N120B Datasheet
570Kb / 5P
   High Voltage IGBT
logo
Inchange Semiconductor ...
IXGN100N170 ISC-IXGN100N170 Datasheet
562Kb / 3P
   High Voltage IGBT
logo
IXYS Corporation
IXGH32N170 IXYS-IXGH32N170 Datasheet
588Kb / 5P
   High Voltage IGBT
IXGT6N170AHV IXYS-IXGT6N170AHV Datasheet
205Kb / 5P
   High Voltage IGBT
IXGY2N120 IXYS-IXGY2N120 Datasheet
134Kb / 4P
   High Voltage IGBT
IXGH32N170A IXYS-IXGH32N170A Datasheet
578Kb / 5P
   High Voltage IGBT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com