Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU310A Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # IRFU310A
Description  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFU310A Datasheet(HTML) 5 Page - Fairchild Semiconductor

  IRFU310A Datasheet HTML 1Page - Fairchild Semiconductor IRFU310A Datasheet HTML 2Page - Fairchild Semiconductor IRFU310A Datasheet HTML 3Page - Fairchild Semiconductor IRFU310A Datasheet HTML 4Page - Fairchild Semiconductor IRFU310A Datasheet HTML 5Page - Fairchild Semiconductor IRFU310A Datasheet HTML 6Page - Fairchild Semiconductor IRFU310A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IRFR/U310A
1&+$11(/
32:(5 026)(7
Fig 12. Gate Charge Test Circuit & Waveform
Fig 13. Resistive Switching Test Circuit & Waveforms
Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms
EAS =LL IAS
2
----
2
1
--------------------
BVDSS -- VDD
BVDSS
Vin
Vout
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
Charge
VGS
10V
Qg
Qgs
Qgd
Vary t
p to obtain
required peak I
D
10V
VDD
C
LL
VDS
ID
RG
t
p
DUT
BVDSS
t
p
VDD
IAS
VDS (t)
ID (t)
Time
VDD
( 0.5 rated V
DS )
10V
Vout
Vin
RL
DUT
RG
3mA
VGS
Current Sampling (I
G)
Resistor
Current Sampling (I
D)
Resistor
DUT
VDS
300nF
50k
200nF
12V
Same Type
as DUT
Current Regulator
R1
R2


Similar Part No. - IRFU310A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFU310A ISC-IRFU310A Datasheet
346Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IRFU310A

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com