Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMU16JC-35 Datasheet(PDF) 9 Page - Intersil Corporation

Part No. HMU16JC-35
Description  16 x 16-Bit CMOS Parallel Multipliers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMU16JC-35 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HMU16JC-35 Datasheet HTML 5Page - Intersil Corporation HMU16JC-35 Datasheet HTML 6Page - Intersil Corporation HMU16JC-35 Datasheet HTML 7Page - Intersil Corporation HMU16JC-35 Datasheet HTML 8Page - Intersil Corporation HMU16JC-35 Datasheet HTML 9Page - Intersil Corporation HMU16JC-35 Datasheet HTML 10Page - Intersil Corporation HMU16JC-35 Datasheet HTML 11Page - Intersil Corporation HMU16JC-35 Datasheet HTML 12Page - Intersil Corporation HMU16JC-35 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Absolute Maximum Ratings
Thermal Information
Supply Voltage . .. .. .. ... .. .. .. .. .. .. .. .. .. ... .. .. ..+8.0V
Input, Output or I/O Voltage Applied . . . . . GND 0.5V to VCC +0.5V
Storage Temperature Range . .. .. .. .. .. .. .. .. .. 65oCto 150oC
Operating Conditions
Voltage Range . . . . . . . ... .. .. .. .. .. .. .. .. .. +4.75V to +5.25V
Temperature Range . . . ... .. .. .. .. .. .. .. .. .. ... . 0oCto 70oC
Thermal Resistance (Typical, Note 1)
θJA(oC/W) θJC (oC/W)
PLCC .. .. .. .. .. .. .. . . . . . . . . . . . .
43.2
15.1
CPGA .. .. .. .. .. .. .. . . . . . . . . . . . .
42.69
10.0
Maximum Package Power Dissipation at 70oC
PLCC . . . . . . . . . . . . . ... .. .. .. .. .. .. .. .. .. ... .. .. ..1.7W
CPGA . . . . . . . . . . . . . ... .. .. .. .. .. .. .. .. .. ... .. .. .. 2.46
Maximum Junction Temperature
PLCC . . . . . . . . . . . . . ... .. .. .. .. .. .. .. .. .. ... .. .. .150oC
CPGA . . . . . . . . . . . . . ... .. .. .. .. .. .. .. .. .. ... .. .. . 175oC
Maximum Lead Temperature (Soldering, 10s). .. .. ... .. .. . 300oC
Die Characteristics
Gate Count . . . . . . . . . . ... .. .. .. .. .. .. .. .. .. ... .4500 Gates
CAUTION: Stresses above those listed in the ``Absolute Maximum Ratings'' may cause permanent damage to the device. This is a stress only rating, and operation at
these or any other conditions above those indicated in the operations sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
DC Electrical Specifications
VCC =5.0V ±5%, TA =0
oCto 70oC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Logical One Input Voltage
VIH
VCC =5.25V
2.0
-
V
Logical Zero Input Voltage
VIL
VCC = 4.75V
-
0.8
V
Output High Voltage
VOH
IOH =400mA,VCC =4.75V
2.6
-
V
Output Low Voltage
VOL
IOL = +4.0mA, VCC = 4.75V
-
0.4
V
Input Leakage Current
II
VI =VCC or GND, VCC = 5.25V
10
10
µA
Output or I/O Leakage Current
IO
VO =VCC or GND, VCC = 5.25V
10
10
µA
Standby Power Supply Current
ICCSB
VI =VCC or GND, VCC =5.25V
Outputs Open
-500
µA
Operating Power Supply Current
ICCOP
VI =VCC or GND, VCC =5.25V
f = 1MHz (Note 2)
-7.0
mA
NOTE:
2. Operating Supply Current is proportional to frequency, Typical rating is 5mA/MHz.
Capacitance TA =25oC, Note 3
PARAMETER
SYMBOL
TEST CONDITIONS
TYPICAL
UNITS
Input Capacitance
CIN
Frequency = 1MHz. All measurements
referenced to device ground.
15
pF
Output Capacitance
COUT
10
pF
I/O Capacitance
CI/O
10
pF
NOTE:
3. Not tested, but characterized at initial design and at major process/design changes.
HMU16, HMU17


Similar Part No. - HMU16JC-35

ManufacturerPart No.DatasheetDescription
Intersil Corporation
Intersil Corporation
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
HMU16/883 INTERSIL-HMU16/883 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
HMU16883 INTERSIL-HMU16883 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
HMU16GM-45/883 INTERSIL-HMU16GM-45/883 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
HMU16GM-45883 INTERSIL-HMU16GM-45883 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
More results

Similar Description - HMU16JC-35

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT7216L IDT-IDT7216L Datasheet
249Kb / 13P
   16 x 16 PARALLEL CMOS MULTIPLIERS
List of Unclassifed Manufacturers
List of Unclassifed Man...
AM29517 ETC-AM29517 Datasheet
497Kb / 16P
   16 X 16 BIT PARALLEL MULTIPLIERS
Intersil Corporation
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
LOGIC Devices Incorporated
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
   16 x 16-bit Parallel Multiplier
Integrated Device Technology
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
   16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz