Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD26LS32 Datasheet(PDF) 14 Page - Hitachi Semiconductor

Part No. HD26LS32
Description  Quadruple Differential Line Receivers With 3 State Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD26LS32 Datasheet(HTML) 14 Page - Hitachi Semiconductor

Back Button HD26LS32 Datasheet HTML 7Page - Hitachi Semiconductor HD26LS32 Datasheet HTML 8Page - Hitachi Semiconductor HD26LS32 Datasheet HTML 9Page - Hitachi Semiconductor HD26LS32 Datasheet HTML 10Page - Hitachi Semiconductor HD26LS32 Datasheet HTML 11Page - Hitachi Semiconductor HD26LS32 Datasheet HTML 12Page - Hitachi Semiconductor HD26LS32 Datasheet HTML 13Page - Hitachi Semiconductor HD26LS32 Datasheet HTML 14Page - Hitachi Semiconductor HD26LS32 Datasheet HTML 15Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
HD26LS32
14
Package Dimensions
Hitachi Code
JEDEC
EIAJ
Mass (reference value)
DP-16
Conforms
Conforms
1.07 g
Unit: mm
19.20
16
9
8
1
1.3
20.00 Max
7.62
0.25
+ 0.13
– 0.05
2.54
± 0.25
0.48
± 0.10
0
° – 15°
1.11 Max
Hitachi Code
JEDEC
EIAJ
Mass (reference value)
FP-16DA
Conforms
0.24 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
*0.42
± 0.08
0.12
0.15
M
10.06
0.80 Max
16
9
1
8
10.5 Max
+ 0.20
– 0.30
7.80
0.70
± 0.20
0
° – 8°
1.15
1.27
0.40
± 0.06


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn