Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSS50 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. BSS50
Description  NPN Darlington transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSS50 Datasheet(HTML) 3 Page - NXP Semiconductors

  BSS50 Datasheet HTML 1Page - NXP Semiconductors BSS50 Datasheet HTML 2Page - NXP Semiconductors BSS50 Datasheet HTML 3Page - NXP Semiconductors BSS50 Datasheet HTML 4Page - NXP Semiconductors BSS50 Datasheet HTML 5Page - NXP Semiconductors BSS50 Datasheet HTML 6Page - NXP Semiconductors BSS50 Datasheet HTML 7Page - NXP Semiconductors BSS50 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 Sep 03
3
Philips Semiconductors
Product specification
NPN Darlington transistors
BSS50; BSS51; BSS52
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BSS50
60
V
BSS51
80
V
BSS52
90
V
VCES
collector-emitter voltage
VBE =0
BSS50
45
V
BSS51
60
V
BSS52
80
V
VEBO
emitter-base voltage
open collector
5V
IC
collector current (DC)
1A
ICM
peak collector current
2A
IB
base current (DC)
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
0.8
W
Tcase ≤ 25 °C
5W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
200
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air
220
K/W
Rth j-c
thermal resistance from junction to case
35
K/W


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn