Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9052DQ-T1-E3 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # DG9052DQ-T1-E3
Description  Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9052DQ-T1-E3 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button DG9052DQ-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG9052DQ-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG9052DQ-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG9052DQ-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG9052DQ-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG9052DQ-T1-E3 Datasheet HTML 9Page - Vishay Siliconix DG9052DQ-T1-E3 Datasheet HTML 10Page - Vishay Siliconix DG9052DQ-T1-E3 Datasheet HTML 11Page - Vishay Siliconix DG9052DQ-T1-E3 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.vishay.com
10
Document Number: 73410
S-52072-Rev. A, 10-Oct-05
Vishay Siliconix
DG9051/9052/9053
New Product
TEST CIRCUITS
Figure 3. Break-Before-Make Interval
50%
90%
Logic
Input
Switch
Output
VO
VS
tOPEN
tr <5 ns
tf <5 ns
0 V
3 V
0 V
V+
GND
V–
35 pF
V–
A2
Db, D
All S and Da
300
VO
50
A1
A0
VS1
EN
Return to Specifications:
Single Supply 12 V
Dual Supply V+ = 5 V, V– = –5 V
Single Supply 5 V
Single Supply 3 V
Figure 4. Charge Injection
A0
A1
A2
VO
V+
GND
V–
D
Vg
Rg
SX
CL
1 nF
Channel
Select
3 V
0 V
OFF
ON
Logic
Input
Switch
Output
∆VO
∆VO is the measured voltage due to charge transfer
error Q, when the channel turns off.
Q = CL x ∆VO
OFF
V+
V–
EN
Figure 5. Off Isolation
RL
50
VOUT
V+
GND
V–
A2
D
A1
A0
S8
SX
Rg = 50 Ω
Off Isolation = 20 log
VOUT
VIN
VIN
V+
V–
EN
Figure 6. Crosstalk
RL
50
VOUT
V+
GND
V–
A2
D
A1
A0
S8
SX
Rg = 50 Ω
Crosstalk = 20 log
VOUT
VIN
VIN
S1
V+
V–
EN
RIN
50


Similar Part No. - DG9052DQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9052DQ-T1-E3 VISHAY-DG9052DQ-T1-E3 Datasheet
182Kb / 13P
   Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
Rev. B, 30-May-11
DG9052DQ-T1-E3 VISHAY-DG9052DQ-T1-E3 Datasheet
239Kb / 14P
   Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
01-Jan-2022
More results

Similar Description - DG9052DQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9051 VISHAY-DG9051_11 Datasheet
182Kb / 13P
   Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
Rev. B, 30-May-11
DG9053 VISHAY-DG9053_V01 Datasheet
239Kb / 14P
   Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
01-Jan-2022
DG3408 VISHAY-DG3408 Datasheet
170Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 30-Apr-07
DG408L VISHAY-DG408L_11 Datasheet
216Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. G, 30-May-11
DG408L VISHAY-DG408L_V01 Datasheet
277Kb / 16P
   Precision 8-Ch / Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG9408 VISHAY-DG9408 Datasheet
121Kb / 12P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. A, 05-Aug-02
DG9408 VISHAY-DG9408_11 Datasheet
228Kb / 16P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. C, 20-Jun-11
DG3408 VISHAY-DG3408_11 Datasheet
148Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. E, 28-Feb-11
DG408L VISHAY-DG408L Datasheet
93Kb / 11P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 07-Apr-03
DG408L VISHAY-DG408L_08 Datasheet
157Kb / 12P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. E, 25-Jun-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com