Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C9812DYB Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # C9812DYB
Description  Low EMI Clock Generator for Intel 810E Chipset Systems
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9812DYB Datasheet(HTML) 2 Page - Cypress Semiconductor

  C9812DYB Datasheet HTML 1Page - Cypress Semiconductor C9812DYB Datasheet HTML 2Page - Cypress Semiconductor C9812DYB Datasheet HTML 3Page - Cypress Semiconductor C9812DYB Datasheet HTML 4Page - Cypress Semiconductor C9812DYB Datasheet HTML 5Page - Cypress Semiconductor C9812DYB Datasheet HTML 6Page - Cypress Semiconductor C9812DYB Datasheet HTML 7Page - Cypress Semiconductor C9812DYB Datasheet HTML 8Page - Cypress Semiconductor C9812DYB Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Low EMI Clock Generator for Intel
810E Chipset Systems
Cypress Semiconductor Corporation
525 Los Coches St.
Document#: 38-07053 Rev. **
05/03/01
Milpitas, CA 95035. Tel: 408-263-6300, Fax: 408-263-6571
Page 2 of 18
http://www.cypress.com
APPROVED PRODUCT
C9812
Pin Description
PIN No.
Pin Name
PWR
I/O
TYPE
Description
1
SEL2/REF
VDD
I/O
3.3V 14.318 MHz clock output.
This pin also serves as the select strap (associates with SEL0 &
1, see app. note page 5) for clock frequencies during power up.
Refer to Table 1 for detail. This pin has an internal pull-down
(Typ. 70K
Ω).
3
XIN
VDD
I
OSC1
14.318MHz Crystal input
4
XOUT
VDD
O
14.318MHz Crystal output
11, 12, 13,
15, 16, 18,
19, 20
PCI0/ICH
PCI(1..7)
VDD
O
3.3V PCI clock outputs
7, 8
3V66(0,1)
VDD
O
3.3V Fixed 66.6 MHz clock outputs
25
USB
VDD
O
3.3V Fixed 48 MHz clock outputs
26
DOT
VDD
O
3.3V Fixed 48 MHz clock outputs
28, 29
SEL(0,1)
VDD
I
3.3V LVTTL compatible inputs for logic selection. Has an
internal pull-up (Typ. 250K
Ω)
30
SDATA
VDD
I
I²C compatible SDATA input. Has an internal pull-up (>100K
Ω)
31
SCLK
VDD
I
I²C compatible SCLK input. Has an internal pull-up (>100K
Ω)
32
PD#
VDD
I
3.3V LVTTL compatible input. Device enters powerdown mode
When held LOW. Has an internal pull-up (>100K
Ω)
34
DCLK
VDD
O
3.3V output running 100MHz
36, 37, 39,
40, 42, 43,
45, 46
SDRAM(7..0)
VDDS
O
3.3V output running 100MHz. All SDRAM outputs can be turned
off through SMBUS.
49, 50, 52
CPU(2)_ITP,
CPU(1,0)
VDDC
O
2.5V Host bus clock outputs. 66, 100 or 133MHz depending on
state of SEL(2..0)
54, 55
IOAPIC(1,0)
VDDI
O
2.5V clock outputs running rising edge synchronous with the
PCI clock.
2, 9, 10, 21,
27, 33
VDD
-
3.3V Power Supply
22
VDDA
-
Analog circuitry 3.3V Power Supply
23
VSSA
-
Analog circuitry power supply Ground pins.
51, 53
VDDC, VDDI
-
2.5V Power Supply’s
5, 6,14, 17,
24, 35, 41,
47, 48, 56
VSS
-
-
Common Ground pins.
38, 44
VDDS
-
-
3.3V power support for SDRAM clock output drivers.
A bypass capacitor (0.1
µµµµF) should be placed as close as possible to each positive power pin. If these bypass capacitors
are not close to the pins their high frequency filtering characteristic will be cancelled by the lead inductance of the traces.


Similar Part No. - C9812DYB

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C981U103MYVDAAWL45 KEMET-C981U103MYVDAAWL45 Datasheet
56Kb / 1P
   Ceramic, Safety, C900_Y, 0.01 uF, 20%, Y5V, Lead Spacing = 10mm
C981U103MYVDBA7317 KEMET-C981U103MYVDBA7317 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_Y, 0.01 uF, 20%, Y5V, Lead Spacing = 10mm
C981U222KWDAA7317 KEMET-C981U222KWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C981U222KWDBA7317 KEMET-C981U222KWDBA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
More results

Similar Description - C9812DYB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
C9835 CYPRESS-C9835 Datasheet
343Kb / 18P
   Low-EMI Clock Generator for Intel Mobile 133-MHz/3 SO-DIMM Chipset Systems
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28442 CYPRESS-CY28442 Datasheet
293Kb / 22P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28411 SPECTRALINEAR-CY28411 Datasheet
186Kb / 18P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com