Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C9812 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # C9812
Description  Low EMI Clock Generator for Intel 810E Chipset Systems
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9812 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button C9812 Datasheet HTML 2Page - Cypress Semiconductor C9812 Datasheet HTML 3Page - Cypress Semiconductor C9812 Datasheet HTML 4Page - Cypress Semiconductor C9812 Datasheet HTML 5Page - Cypress Semiconductor C9812 Datasheet HTML 6Page - Cypress Semiconductor C9812 Datasheet HTML 7Page - Cypress Semiconductor C9812 Datasheet HTML 8Page - Cypress Semiconductor C9812 Datasheet HTML 9Page - Cypress Semiconductor C9812 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Low EMI Clock Generator for Intel
810E Chipset Systems
Cypress Semiconductor Corporation
525 Los Coches St.
Document#: 38-07053 Rev. **
05/03/01
Milpitas, CA 95035. Tel: 408-263-6300, Fax: 408-263-6571
Page 6 of 18
http://www.cypress.com
APPROVED PRODUCT
C9812
2-Wire SMBUS Control Interface
The 2-wire control interface implements a write slave only interface according to SMBus specification. (See Fig. 7 / P. 8).
The device can be read back by using standard SMBUS command bytes. Sub addressing is not supported, thus all
preceding bytes must be sent in order to change one of the control bytes. The 2-wire control interface allows each clock
output to be individually enabled or disabled. 100 Kbits/second (standard mode) data transfer is supported.
During normal data transfer, the SDATA signal only changes when the SDCLK signal is low, and is stable when SDCLK
is high. There are two exceptions to this. A high to low transition on SDATA while SDCLK is high is used to indicate the
start of a data transfer cycle. A low to high transition on SDATA while SDCLK is high indicates the end of a data transfer
cycle. Data is always sent as complete 8-bit bytes, after which an acknowledge is generated. The first byte of a transfer
cycle is an 8-bit address. W#=0 in write mode.
The device will respond to writes to 10 bytes (max) of data to address D2 by generating the acknowledge (low) signal on
the SDATA wire following reception of each byte. Data is transferred MSB first at a max rate of 100kbits/S. The device
will not respond to any other control interface conditions, and previously set control registers are retained.
SMBUS Test Circuitry
Fig.6
Note: Buffer is 7407 with VCC @ 5.0 V
2.2 K
Device under Test
SDATA
DATAIN
SCLK
DATAOUT
CLOCK
+ 5V
+ 5V
+ 5V
2.2 K
2.2 K


Similar Part No. - C9812

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C981U103MYVDAAWL45 KEMET-C981U103MYVDAAWL45 Datasheet
56Kb / 1P
   Ceramic, Safety, C900_Y, 0.01 uF, 20%, Y5V, Lead Spacing = 10mm
C981U103MYVDBA7317 KEMET-C981U103MYVDBA7317 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_Y, 0.01 uF, 20%, Y5V, Lead Spacing = 10mm
C981U222KWDAA7317 KEMET-C981U222KWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C981U222KWDBA7317 KEMET-C981U222KWDBA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
More results

Similar Description - C9812

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
C9835 CYPRESS-C9835 Datasheet
343Kb / 18P
   Low-EMI Clock Generator for Intel Mobile 133-MHz/3 SO-DIMM Chipset Systems
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28442 CYPRESS-CY28442 Datasheet
293Kb / 22P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28411 SPECTRALINEAR-CY28411 Datasheet
186Kb / 18P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com