Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33290 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part No. MC33290
Description  ISO K Line Serial Link Interface
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC33290 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33290
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Rating
Symbol
Value
Unit
VDD DC Supply Voltage
VDD
-0.3 to 7.0
V
VBB Load Dump Peak Voltage
VBB(LD)
45
V
ISO Pin Load Dump Peak Voltage (2)
VISO
40
V
ISO Short Circuit Current Limit
IISO(LIM)
1.0
A
ESD Voltage (3)
Human Body Model (4)
Machine Model (4)
VESD1
VESD2
±2000
±200
V
ISO Clamp Energy (5)
Eclamp
10
mJ
Storage Temperature
Tstg
-55 to +150
°C
Operating Case Temperature
TC
-40 to +125
°C
Operating Junction Temperature
TJ
-40 to +150
°C
Power Dissipation
TA = 25°C
PD
0.8
W
Peak Package Reflow Temperature During Reflow (6), (7)
TPPRT
Note 7.
°C
Thermal Resistance
Junction-to-Ambient
RθJA
150
°C/W
Notes
2.
Device will survive double battery jump start conditions in typical applications for 10 minutes duration, but is not guaranteed to remain
within specified parametric limits during this duration.
3.
ESD data available upon request.
4.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω), ESD2 testing is performed in
accordance with the Machine Model (CZAP = 200 pF, RZAP = 0 Ω).
5.
Nonrepetitive clamping capability at 25
°C.
6.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
7.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn