Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B32529-C5334 Datasheet(PDF) 23 Page - EPCOS

Part No. B32529-C5334
Description  Metallized Polyester Film Capacitors (MKT and MFT)
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPCOS [EPCOS]
Homepage  http://www.epcos.com
Logo EPCOS - EPCOS

B32529-C5334 Datasheet(HTML) 23 Page - EPCOS

Back Button B32529-C5334 Datasheet HTML 19Page - EPCOS B32529-C5334 Datasheet HTML 20Page - EPCOS B32529-C5334 Datasheet HTML 21Page - EPCOS B32529-C5334 Datasheet HTML 22Page - EPCOS B32529-C5334 Datasheet HTML 23Page - EPCOS B32529-C5334 Datasheet HTML 24Page - EPCOS B32529-C5334 Datasheet HTML 25Page - EPCOS B32529-C5334 Datasheet HTML 26Page - EPCOS B32529-C5334 Datasheet HTML 27Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
 
0.7
3HUPLVVLEOH D. YROWDJH 9UPV YHUVXV IUHTXHQ.\ I
/HDG VSD.LQJ  PP
9G.  9D.
KMK0587-N
1
10 2
f
10 3
10 4
10 5
10 6
Hz
5
5
5
2
4
6
10
100
60
40
20
200
400
33 nF
Vrms
68 nF
0,1 µF
0,22 µF
Vac
% 



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn