Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B32529-C5334 Datasheet(PDF) 15 Page - EPCOS

Part No. B32529-C5334
Description  Metallized Polyester Film Capacitors (MKT and MFT)
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPCOS [EPCOS]
Homepage  http://www.epcos.com
Logo EPCOS - EPCOS

B32529-C5334 Datasheet(HTML) 15 Page - EPCOS

Back Button B32529-C5334 Datasheet HTML 11Page - EPCOS B32529-C5334 Datasheet HTML 12Page - EPCOS B32529-C5334 Datasheet HTML 13Page - EPCOS B32529-C5334 Datasheet HTML 14Page - EPCOS B32529-C5334 Datasheet HTML 15Page - EPCOS B32529-C5334 Datasheet HTML 16Page - EPCOS B32529-C5334 Datasheet HTML 17Page - EPCOS B32529-C5334 Datasheet HTML 18Page - EPCOS B32529-C5334 Datasheet HTML 19Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
 
0.7
7H.KQL.DO GDWD
&OLPDWL. .DWHJRU\
LQ D..RUGDQ.H ZLWK ,(&

/RZHU .DWHJRU\ WHPSHUDWXUH 7PLQ
8SSHU .DWHJRU\ WHPSHUDWXUH 7PD[
−  °&
+  °& +  °& IRU KDQG 9&   ⋅ 95
'DPS KHDWWHVW
 GD\V °&
UHODWLYH KXPLGLW\
/LPLW YDOXHV DIWHU GDPS
KHDW WHVW
&DSD.LWDQ.H .KDQJH _∆&&_
≤ 
'LVVLSDWLRQID.WRU .KDQJH ∆ WDQ δ≤  ⋅ − DW  N+]
,QVXODWLRQ UHVLVWDQ.H 5LV
≥ RI PLQLPXP
RU WLPH.RQVWDQW τ &5 ⋅ 5LV
DVGHOLYHUHGYDOXHV
5HOLDELOLW\
5HIHUHQ.H.RQGLWLRQV
)DLOXUH UDWH
  ⋅ 95  °&
 ⋅−K  ILW
)RU D .RQYHUVLRQ WDEOH IRU RWKHU RSHUDWLQJ .RQGLWLRQV DQG WHP
SHUDWXUHV UHIHUWR .KDSWHU ¦4XDOLW\ DVVXUDQ.H§ SDJH 
6HUYL.HOLIH
 K
)DLOXUH .ULWHULD
7RWDOIDLOXUH
)DLOXUH GXHWR YDULDWLRQ
RI SDUDPHWHUV
6KRUW .LU.XLW RURSHQ .LU.XLW
&DSD.LWDQ.H .KDQJH _∆&&_
> 
'LVVLSDWLRQID.WRU WDQ δ>  ⋅ XSSHU OLPLW YDOXH
,QVXODWLRQ UHVLVWDQ.H 5LV
<  0Ω &5 ≤   µ)
RU WLPH.RQVWDQW τ &5 ⋅ 5LV
<  V
&5 >   µ)
'&WHVW YROWDJH
  ⋅ 95  V
&DWHJRU\YROWDJH 9&
2SHUDWLRQ ZLWK G. YROWDJH RU
D.YROWDJH 9UPV XSWR  +]
2SHUDWLQJ YROWDJHIRU
VKRUW RSHUDWLQJ SHULRGV
'LVVLSDWLRQ ID.WRUWDQ δ LQ−
DW  °&
XSSHU OLPLW YDOXHV
,QVXODWLRQUHVLVWDQ.H 5LV
RUWLPH .RQVWDQW τ &5 ⋅ 5LV
DW  °& UHO KXPLGLW\ ≤ 
PLQLPXPDVGHOLYHUHG YDOXHV
7 ≤  °&
9&   ⋅ 95
9&UPV   ⋅ 9UPV
7 ≤  °&
9&   ⋅ 95
9&UPV   ⋅ 9UPV
7 ≤  °&
8 = 1,25 8
C, max. 2000 h
8 = 1,0 8
C,rms, max. 2000 h
7 ≤  °&
8 = 1,25 8
C, max. 2000 h
8 = 1,0 8
C,rms, max. 2000 h
7 ≤  °&
8 = 0,5 8
R, max. 1000 h
8 = 0,5 8
rms, max. 1000 h
&5 ≤   µ)  µ) < &5 ≤  µ) &5 >  µ)
DW
 N+]


 N+]


¤
 N+]

¤
¤
95
&5 ≤   µ)
&5 >   µ)
≤ 9G.
 0Ω
 V
≥ 9G.
 0Ω
 V
ž %  
% 


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn