Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G53 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74LVC1G53
Description  2-channel analog multiplexer/demultiplexer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G53 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74LVC1G53 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G53 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G53 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G53 Datasheet HTML 11Page - NXP Semiconductors 74LVC1G53 Datasheet HTML 12Page - NXP Semiconductors 74LVC1G53 Datasheet HTML 13Page - NXP Semiconductors 74LVC1G53 Datasheet HTML 14Page - NXP Semiconductors 74LVC1G53 Datasheet HTML 15Page - NXP Semiconductors 74LVC1G53 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
74LVC1G53_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 10 January 2006
12 of 23
Philips Semiconductors
74LVC1G53
2-channel analog multiplexer/demultiplexer
12. Dynamic characteristics
Table 10:
Dynamic characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V);
test circuit Figure 12.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C [1]
tPHL
HIGH-to-LOW
propagation delay
see Figure 10
A to Bn or Bn to A
VCC = 1.65 V to 1.95 V
-
-
2
ns
VCC = 2.3 V to 2.7 V
-
-
1.2
ns
VCC = 2.7 V
-
-
1.0
ns
VCC = 3 V to 3.6 V
-
-
0.8
ns
VCC = 4.5 V to 5.5 V
-
-
0.6
ns
tPLH
LOW-to-HIGH
propagation delay
see Figure 10
A to Bn or Bn to A
VCC = 1.65 V to 1.95 V
-
-
2
ns
VCC = 2.3 V to 2.7 V
-
-
1.2
ns
VCC = 2.7 V
-
-
1.0
ns
VCC = 3 V to 3.6 V
-
-
0.8
ns
VCC = 4.5 V to 5.5 V
-
-
0.6
ns
ton
turn-on time
see Figure 11
S to A or Bn
VCC = 1.65 V to 1.95 V
2.6
6.7
10.3
ns
VCC = 2.3 V to 2.7 V
1.9
4.1
6.4
ns
VCC = 2.7 V
1.9
4.0
5.5
ns
VCC = 3 V to 3.6 V
1.8
3.4
5.0
ns
VCC = 4.5 V to 5.5 V
1.3
2.6
3.8
ns
E to A or Bn
VCC = 1.65 V to 1.95 V
1.9
4.0
7.3
ns
VCC = 2.3 V to 2.7 V
1.4
2.5
4.4
ns
VCC = 2.7 V
1.1
2.6
3.9
ns
VCC = 3 V to 3.6 V
1.2
2.2
3.8
ns
VCC = 4.5 V to 5.5 V
1.0
1.7
2.6
ns
toff
turn-off time
see Figure 11
S to A or Bn
VCC = 1.65 V to 1.95 V
2.1
6.8
10.0
ns
VCC = 2.3 V to 2.7 V
1.4
3.7
6.1
ns
VCC = 2.7 V
1.4
4.9
6.2
ns
VCC = 3 V to 3.6 V
1.1
4.0
5.4
ns
VCC = 4.5 V to 5.5 V
1.0
2.9
3.8
ns
E to A or Bn
VCC = 1.65 V to 1.95 V
2.3
5.6
8.6
ns
VCC = 2.3 V to 2.7 V
1.2
3.2
4.8
ns
VCC = 2.7 V
1.4
4.0
5.2
ns
VCC = 3 V to 3.6 V
2.0
3.7
5.0
ns
VCC = 4.5 V to 5.5 V
1.3
2.9
3.8
ns


Similar Part No. - 74LVC1G53

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
74LVC1G53 NXP-74LVC1G53 Datasheet
144Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 05-11 June 2008
logo
Nexperia B.V. All right...
74LVC1G53 NEXPERIA-74LVC1G53 Datasheet
338Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 12 - 20 July 2021
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
   2-channel analog multiplexer/demultiplexer
logo
NXP Semiconductors
74LVC1G53DC NXP-74LVC1G53DC Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
More results

Similar Description - 74LVC1G53

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
   2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
   2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC2G53 NXP-74LVC2G53 Datasheet
144Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 05-18 June 2008
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
   2-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com