Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N7002S Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. 2N7002S
Description  SURFACE MOUNT Dual N-Channel Enhancement MOS FET / VOLTAGE 60 Volts CURRENT 0.250 Ampere
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

2N7002S Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RATING CHARACTERISTIC CURVES ( 2N7002S )
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.01
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0 .0 5
0 .0 2
0 .0 1
0 .2
Duty Cycle, D = t
/t
1
2
R
(t) = r(t) * R
R
= (See Datasheet)
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
Figure 14. 2N7002S Transient Thermal Response Curve
1
2
5
1 0
2 0
3 0
6 0
8 0
0.005
0.01
0.05
0.1
0.5
1
2
3
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 13. 2N7002S Maximum Safe Operating Area
Typical Electrical Characteristics (continued)
100u
s
1 m s
1 0m s
1 00m
s
RDS
(ON)
Lim i
t
DC
1 s
1 0s
V
= 10V
SINGLE PULSE
T
= 25° C
GS
A


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn